Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 61 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 61 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 62Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 63Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 64Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 65Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
61
Data Book
1. The Expansion ROM Base Address Register nvRAM boot value is internally hardwired to FFFFF80Xh, where X = 000xb (i.e., only the least-
significant bit, or Address Decode Enable bit, is programmable). This defines both the minimum and maximum expansion ROM size sup-
ported by the S5920 (2K bytes). The Address Decode Enable bit in the nvRAM (the LSB) must be set to enable this region. If not set, a PCI
Configuration read of this region will always respond with 00000000h.
Table 38. Read Response to Expansion ROM Base Address Register (after all ones written)
Response
Size in Bytes
nvRAM boot value
00000000h
none - disabled
00000000h or BIOS missing 1
FFFFF801h
2K bytes (512 DWORDs)
FFFFF801h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com