Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 97 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 97 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 93Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 101Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
97
Data Book
PCI BUS INTERFACE
This section details various events which may occur
on the S5920 PCI bus interface. Since the S5920
functions as a target or slave device, signal timing
details are given for target transactions only.
PCI BUS TRANSACTIONS
Because the PCI bus utilizes multiplexed address/data
pins (AD[31:0]), every PCI bus transaction consists of
an address phase followed by a data phase. An
address phase is defined as the clock period in which
FRAME# transitions from inactive to active. During the
address phase, a bus command is driven by the initia-
tor on the C/BE[3:0]# signal pins. If the command
indicates a PCI read, the clock cycle following the
address phase is used to perform a “bus turn-around”
cycle. A turn-around cycle is a clock period in which
the address/data bus is not driven by an initiator or a
target device. This is used to avoid PCI bus conten-
tion. For a write command, a turn-around cycle is not
needed, and the bus goes directly from an address
phase to a data phase.
All PCI bus transactions consist of an address phase
followed by one or more data phases. During the one-
PCI-clock-long address phase, the bus address and
command information is latched into the S5920. The
number of data phases depends on how many data
transfers are desired or are possible within a given ini-
tiator-target pair. A data phase consists of at least one
PCI clock. FRAME# is deasserted to indicate that the
final data phase of a PCI cycle is occurring. Wait
states may be added to any data phase (each wait
state is one PCI clock).
The PCI bus command presented on the C/BE[3:0]#
pins during the address phase can represent 16 possi-
ble states. Table 1 lists the PCI commands and those
which are supported by the S5920. A “Yes” in the
“Supported by S5920” column in Table 1 indicates that
the S5920 device will assert the signal DEVSEL#
when that particular command is issued along with the
appropriate PCI address.
The completion or termination of a PCI cycle can be
signaled in several ways. In most cases, the comple-
tion of the final data phase is indicated by the
assertion of the ready signals from both the target
(TRDY#) and initiator (IRDY#) while FRAME# is inac-
tive. In some cases, the target is not able to continue
or support a burst transfer and will assert a STOP#
signal. This is referred to as a target disconnect. There
is also the case where an addressed device does not
exist, and the signal DEVSEL# is not driven. In this
case, the initiator is responsible for ending the cycle.
This is referred to as a master abort. The bus is
returned to the idle phase when both FRAME# and
IRDY# are deasserted.
Table 52. PCI Bus Commands
C/BE[3:0]#
Command Type
Supported
0000
Interrupt Acknowledge
No
0001
Special Cycle
No
0010
I/O Read
Yes
0011
I/O Write
Yes
0100
Reserved
No
0101
Reserved
No
0110
Memory Read
Yes
0111
Memory Write
Yes
1000
Reserved
No
1001
Reserved
No
1010
Configuration Read
Yes
1011
Configuration Write
Yes
1100
Memory Read Multiple
Yes 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com