Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 45 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 45 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 45Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 49Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
45
Data Book
Table 22. Defined Base Class Codes
Base-Class
Description
00h
Early, pre-2.0 PCI specification devices
01h
Mass storage controller
02h
Network controller
03h
Display controllers
04h
Multimedia devices
05h
Memory controllers
06h
Bridge devices
07h
Simple communication controllers
08h
Generic system peripherals
09h
Input devices
0Ah
Docking stations
0Bh
Processors
0Ch
Serial bus controllers
0D-FEh
Reserved
FFh
Device does not fit defined class codes (default)
Table 23. Base Class Code 00h: Early, Pre-2.0 Specification Devices
Sub-Class
Prog I/F
Description
00h
00h
All currently implemented devices except VGA-compatible devices
01h
00h
VGA-compatible devices
Table 24. Base Class Code 01h: Mass Storage Controllers
Sub-Class
Prog I/F
Description
00h
00h
SCSI controller
01h
xxh
IDE controller
02h
00h
Floppy disk controller
03h
00h
IPI controller
04h
00h
RAID controller
80h
00h
Other mass storage controller
Table 25. Base Class Code 02h: Network Controllers
Sub-Class
Prog I/F
Description
00h
00h
Ethernet controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com