Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS5920 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 3Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 4Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 5Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 6Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 7Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 8Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
2
Data Book
FEATURES
Full 132 Mbytes/sec Transfer Rate
PCI Bus Operation to 33 MHz
PCI Purposed 2.2 Compliant Target/Slave
Device
Add-On Bus up to 40 MHz
Programmable Prefetch and Wait States
8/16/32-Bit Add-On Bus
Four Definable Pass-Thru Regions
Two 32-Byte Burstable FIFOs
Active/Passive Add-On Bus Operation
Mailbox Registers/w Byte Level Status
Direct Mailbox Data Strobe/Int Pin
Mailbox Read/Write Interrupts
Direct PCI and Add-On Interrupt Pins
Plug-N-Play Compatible
Two-wire Serial Bus nvRAM Support
Optional External BIOS capability
160-Pin PQFP with Green/RoHS compliant
lead free option
APPLICATIONS
ISA Conversions
Multimedia
I/O Ports
Data Storage
•CODEC5
General Purpose PCI Bus Interfacing
ARCHITECTURAL OVERVIEW
The AMCC S5920 was developed to provide the
designer with a single multi-function device offering a
flexible and easy way to connect to the PCI bus. By
using the S5920, the designer eliminates the task of
assuring PCI bus specification compliance and the
necessity of understanding PCI bus timing require-
ments when interfacing a new application.
The complex 33 MHz PCI bus signals are converted
through the S5920 into an easy-to-use 8/16/32-bit
user bus referred to as the user Add-On bus. The Add-
On bus allows user add-on designs bus clock speed
independent operation to 40 MHz.
Figure 1. S5920 Block Diagram
PCI
Pass-
Thru
32
Byte
FIFO
32
Byte
FIFO
Pass-Thru
Address Register
AMCC
ADD-ON
Local Bus
Interface
Logic
Mux/
Demux
Active
R/W Logic
Buffers
ADD-ON
Pass-
Thru
Mailboxes/Status
Operation/
Status Registers
ISA
Card
Design
ISDN
FDDI
ATM
Graphics/
MPEG/
Grabber
2.1 PCI
Local Bus
Interface
Logic
Mux/
Demux
Data
Buffers
Audio
Design
I/O
Controller
User
Application
Serial
Read/Write
Control
Configuration Space
Expansion BIOS
Serial NVRAM
Read/Write
Control
PCI
Configuration
Registers
Serial Bus
Serial
S5920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com