Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 29 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 29 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 25Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 33Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
29
Data Book
PCI BUS SIGNALS
The following sets of signals represent the interface pins available for the S5920 to PCI bus.
Table 12. PCI Bus Address and Data Signal
Signal
Type
Description
AD[31:0]
t/s
Address/Data. Address and data are multiplexed on the same PCI bus pins. A PCI bus transaction
consists of an address phase followed by one or more data phases. An address phase occurs on the
PCLK cycle in which FRAME# is asserted. A data phase occurs on the PCLK cycles in which IRDY#
and TRDY# are both asserted.
C/BE[3:0]#
in
Command/Byte Enable. Bus commands and byte enables are multiplexed on the same pins. These
pins define the current bus command during an address phase. During a data phase, these pins are
used as Byte Enables, with C/BE[0]# enabling byte 0 (LSB) and C/BE[3]# enabling byte 3 (MSB).
C/BE[3:0]
Command Type
0000
Interrupt Acknowledge
0001
Special Cycle
0010
I/O Read
0011
I/O Write
0100
Reserved
0101
Reserved
0110
Memory Read
0111
Memory Write
1000
Reserved
1001
Reserved
1010
Configuration Read
1011
Configuration Write
1100
Memory Read Multiple
1101
Dual Address Cycle
1110
Memory Read Line
1111
Memory Write and Invalidate
PAR
t/s
Parity. Parity is always driven as even from all AD[31:0] and C/BE[3:0]# signals. The parity is valid dur-
ing the clock following the address phase and is driven by the bus master. During a data phase for
write transactions, the bus master sources this signal on the clock following IRDY# active; during a
data phase for read transactions, this signal is driven by the target and is valid on the clock following
TRDY# active. The PAR signal has the same timing as AD[31:0], delayed by one clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com