Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 72 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 72 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 70Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 71Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 72Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 73Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 74Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 75Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 76Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
72
Data Book
PCI RESET CONTROL REGISTER (RCR)
This register provides a method to perform software
resets. It will also control nvRAM accesses. The fol-
lowing controls are available:
•
Assert reset to Add-On
•
Reset mailbox empty full status flags
•
Write/Read external non-volatile memory
•
Reset Pass-Thru Read FIFO
Figure 30. FIFO Control/Status Register
Register Name:
Reset Control Register
PCI Address
Offset:
3Ch
Power-up value:
00000000h
Attribute:
Read/Write, Read Only, Write
Only
Size:
32 bits
0
23
29
31
0
0 0 0 0 0 0 0 0 0 0 0
2
8
2
7
2
6
2
5
2
4
15
nvRAM Access Control
16
nvRAM Access Failed (RO)
Mailbox Flags Reset (WO)
Read FIFO Reset (WO)
Add-On Reset (R/W)
nvRAM Operation
Address/Data (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com