Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 87 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 87 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 83Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 84Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 85Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 86Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 87Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 88Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 89Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 90Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 91Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
87
Data Book
wire serial arbitration. It assumes that it is the only
master on the bus.
Communications with the serial memory involve sev-
eral clock transitions. A start event signals the
beginning of a transaction and is immediately followed
by an address transfer. Each address/data transfer
consists of 8 bits of information followed by a 1-bit
acknowledgment. When the exchange is complete, a
stop event is issued. Figure 2 shows the unique rela-
tionship defining both a start and stop event. Figure 3
shows the required timing for address/data with
respect to the serial clock.
For random accesses, the sequence involves one
clock to define the start of the sequence, eight clocks
to send the slave address and read/write command,
followed by a one-clock acknowledge, and so on. Fig-
ure 4 shows the sequence for a random write access
requiring 29 serial clock transitions. At the clock speed
of the S5920, this corresponds to one byte of data
transferred approximately every 0.25 milliseconds.
Read accesses can be either random or sequential.
During boot-up, all accesses from address 40h to 7Fh
are sequential. As a result, it is important the nvRAM
used supports the nvRAM sequential read accesses
as indicated in Figure 6. Figure 5 shows the sequence
for a random byte read.
To initialize the S5920 controller’s PCI Configuration
Registers, the smallest serial device necessary is a
128 x 8 organization. Although the S5920 controller
only requires 64 bytes, these configuration bytes must
begin at the 64-byte address offset (40h through 7Fh).
This offset constraint permits the configuration image
to be shared with a memory containing expansion
BIOS code and the necessary preamble to identify an
expansion BIOS. The largest serial device which can
be used is 2 Kbytes.
Table 49. Valid External Boot Memory Contents
Address
Data
Notes
0040h-0041h
not FFFFh
This is the location that the S5920 will load a customized vendor ID. (FFFFh is an
illegal vendor ID.)
0050h
82h - registers to I/O
81h - memory space
80h - memory below
1 Mbytes
This is the least significant byte of the region which initializes the S5920 configura-
tion register BADR0. A value of 81h assigns the 32 DWORD locations of the PCI
operations registers into I/O space, a value of 80h defines memory space, and a
value of 82h defines memory space below 1 Mbytes.
0051h
FFh
Required
0052h
E8h
Required
0053h
10h
Required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com