Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 20 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 20 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 22Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 23Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 24Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
20
Data Book
See Network Products data book or http://www.amcc.com.
See Network Products data book or http://www.amcc.com.
See Network Products data book or http://www.amcc.com.
Table 6. SONET/SDH/ATM Products (continued)
Products
Function
Operating Speed
Data Path
Package
Power Supply
S3040
SONET/SDH Clock Recovery Unit
2.5 Gbit/s
1 bit
32 TQFP
+5.0V
S3041
SONET/SDH Transmitter
2.5 Gbit/s
8:1 bit
100 TQFP
+3.3V
S3042
SONET/SDH Demux
2.5 Gbit/s
1:8 bit
100 TQFP
+3.3V
S3043
SONET/SDH Transmitter
2.5 Gbit/s
16:1 bit
80 PQFP
+3.3V
S3044
SONET/SDH Demux
2.5 Gbit/s
1:16 bit
80 PQFP
+3.3V
S3045
SONET/SDH OC-12 to OC-48
77/311 Mbit/s
32:8/8:32bit
208 PQFP
+3.3V
S3047
SONET/SDH Clock and Data Recovery w/
no Ref. Clock
2.5 Gbit/s
1 bit
32 TQFP
+5.0V
Table 7. Crosspoint Switch Products
Products
Function
Operating Speed
Data Path
Package
Power Supply
S2016
Crosspoint Switch
1.5 Gbit/s
16 X16
120 TEP
+5V
S2024
Crosspoint Switch
600/800 Mbit/s
32 X 32
196 LDCC
-5.2/+5V
S2025
Crosspoint Switch
1.5 Gbit/s
32 X 32
196 LDCC
+5V
S2028
Crosspoint Switch
1.5 Gbit/s
33 X 32
224 LDCC
+3.3V
Table 8. Precision Clocking Products
Output Frequency with Respect to Input Frequency
P/N
Total Outputs
Number of Outputs
Divide-by-1
Number of Outputs
Divide-by-2
Power
Supply
Output
Levels
Package
SC3506
20
10
10
+5V
TTL
52 PQFP
SC3306
20
10
10
+5V
LVTTL
52 PQFP
SC3308
20
20
N/A
+5V
LVTTL
52 PQFP
SC3318
10
10
N/A
+5V
LVTTL
28 SOIC
SC3368
14
6
8
+5V
LVTTL
28 SOIC
S3LV308
20
20
N/A
+3.3V
LVTTL
52 PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com