Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 30 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 30 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 26Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 27Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 28Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 29Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 30Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 31Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 32Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 33Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 34Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
30
Data Book
Table 13. PCI Bus System Signals
Signal
Type
Description
PCLK
in
PCI Clock. The rising edge of this signal is the reference upon which all other signals are based except for
RST# and INTA#. The maximum PCLK frequency for the S5920 is 33 MHz and the minimum is DC (0 Hz).
RST#
in
Reset brings the S5920 to a known state:
- All PCI bus output signals tri-stated.
- All open drain signals (i.e., SERR#) floated.
- All registers set to their factory defaults.
- Pass-Thru is returned to an idle state.
- All FIFOs emptied.
Table 14. PCI Bus Data Transfer Control Signals
Signal
Type
Description
FRAME#
in
Frame. This signal is driven by the current bus master to indicate the beginning and duration of a bus
transaction. When FRAME# is first asserted, it indicates a bus transaction is beginning with a valid
addresses and bus command present on AD[31:0] and C/BE[3:0]. Data transfers continue while
FRAME# is asserted. FRAME# de-assertion indicates the transaction is in a final data phase or has
completed.
IRDY#
in
Initiator Ready. This signal is always driven by the bus master to indicate its ability to complete the cur-
rent data phase. During write transactions, it indicates AD[31:0] contains valid data.
TRDY#
s/t/s
Target Ready. This signal is driven by the selected target to indicate the target is able to complete the
current data phase. During read transactions, it indicates AD[31:0] contains valid data. Wait states
occur until both TRDY# and IRDY# are asserted together.
STOP#
s/t/s
Stop. The Stop signal is driven by a selected target and conveys a request to the bus master to stop
the current transaction.
LOCK#
in
Lock. The lock signal provides for the exclusive use of a resource. The S5920 may be locked by one
master at a time.
IDSEL
in
Initialization Device Select. This pin is used as a chip select during configuration read or write transac-
tions.
DEVSEL#
s/t/s
Device Select. This signal is driven by a target decoding and recognizing its bus address. This signal
informs a bus master whether an agent has decoded a current bus cycle.
INTA#
o/d
Interrupt A. This signal is defined as optional and level sensitive. Driving it low will interrupt to the host.
The INTA# interrupt is to be used for any single function device requiring an interrupt capability.
Table 15. PCI Bus Error Reporting Signals
Signal
Type
Description
PERR#
s/t/s
Parity Error. Only for reporting data parity errors for all bus transactions except for Special Cycles. It is
driven by the agent receiving data two clock cycles after the parity was detected as an error. This signal is
driven inactive (high) for one clock cycle prior to returning to the tri-state condition.
SERR#
o/d
System Error. Used to report address and data parity errors on Special Cycle commands and any other
error condition having a catastrophic system impact. Special Cycle commands are not supported by the
S5920.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com