Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 58 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 58 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 54Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 55Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 56Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 57Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 58Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 59Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 60Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 61Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 62Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
58
Data Book
SUBSYSTEM VENDOR IDENTIFICATION
REGISTER (SVID)
This register is used to uniquely identify the user board
or subsystem. It provides a mechanism for add-in card
vendors to distinguish devices with the same Vendor
ID and Device ID. Implementation of this register is
mandatory for 2.2 compliance and an all-zero value
indicates that the device does not support subsystem
identification. Subsystem Vendor IDs may be obtained
directly from the PCI SIG by the user and it is loaded
by the S5920 from the external nvRAM at power up.
Figure 19. Subsystem Vendor Identification Register
Register Name:
Subsystem Vendor ID
Address Offset:
2Ch-2Dh
Power-up value:
0000h
Boot-load:
External nvRAM offset 6Ch-6Dh
Attribute:
Read Only (RO)
Size:
16 bits
Bit
Description
15:0
Subsystem Vendor Identification Number.
0000h
0
15
Subsystem Vendor Identification Register (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com