Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 98 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 98 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 94Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 95Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 96Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 97Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 98Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 99Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 100Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 102Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
98
Data Book
1. Memory Read Multiple and Memory Read Line are executed as a Memory Read.
2. Memory Write and Invalidate is executed as a Memory Write.
PCI BURST TRANSFERS
The PCI bus, by default, expects burst transfers to be
executed. To successfully perform a burst transfer,
both the initiator and target must order their burst
address sequence in an identical fashion. There are
two different ordering schemes: linear address incre-
menting and 80486 cache line fill sequencing.
The S5920 supports only linear burst ordering.
Attempts to perform burst transfers with a scheme
other than this will cause the STOP# signal to be
asserted during the first data phase, thus issuing a dis-
connect to the initiator. The S5920 completes the initial
data phase successfully, but asserting STOP# indi-
cates that the next access needs to be a completely
new cycle.
Some accesses to the S5920 controller do not support
burst transfers. For example, the S5920 does not
allow burst transfers when accesses are made to the
configuration or operation registers. Attempts to per-
form burst transfers to these regions will cause a
disconnect on the PCI bus, as described above.
Expansion ROM accesses also do not support bursts,
and will respond in the same way. Accesses to mem-
ory or I/O regions defined by the Base Address
Registers 1-4 may be bursts, if desired.
PCI READ TRANSFERS
The S5920 responds to PCI bus memory or I/O read
transfers when it is selected as a target.
PCI targets may drive DEVSEL# and TRDY# after the
end of the address phase. TRDY# is not driven until
the target can provide valid data for the PCI read.
Read accesses from the S5920 operation registers
are shown in Figure 1. The S5920 conditionally
asserts STOP# in clock period 3 if the initiator keeps
FRAME# asserted during clock period 2 with IRDY#
asserted (indicating a burst is being attempted). Wait
states may be added by the initiator by not asserting
the signal IRDY# during clock 3 and beyond. If
FRAME# remains asserted, but IRDY# is not
asserted, the initiator is just adding wait states, not
necessarily attempting a burst.
Figure 45. Single Data Phase PCI Bus Read of S5920
Registers or Expansion ROM
There are only two conditions where accesses to the
S5920 do not return TRDY#, but assert STOP#
instead. This condition is called a target-initiated termi-
nation or target disconnect. This can occur when a
read attempt is made to an empty Pass-Thru FIFO.
The second condition may occur when read accesses
to the expansion ROM generate a retry if the nvRAM
interface has not finished reading 4 bytes.
When burst read transfers are attempted to the S5920
operation registers, configuration registers or expan-
sion ROM, STOP# is asserted during the first data
transfer to indicate to the initiator that no further trans-
fers (data phases) are possible. This is a target-
initiated termination where the target disconnects after
the first data phase. Figure 2 shows the signal relation-
ships during a burst read attempt to the S5920
operation registers.
1101
Reserved
No
1110
Memory Read Line
Yes 1
1111
Memory Write and Invalidate
Yes 2
Table 52. PCI Bus Commands (Continued)
C/BE[3:0]#
Command Type
Supported
FRAME#
AD[31:0]
C/BE[3:0]#
IRDY#
TRDY#
DEVSEL#
STOP#
12345
PCLK
Address
Data
Bus Cmd
Byte Enables
(I)
(T)
(I) Driven by Initiator
(T) Driven by Target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com