Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 18 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 18 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 17Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 18Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 19Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 20Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 21Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 22Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
18
Data Book
Table 1. ATM LAN and 100VG AnyLAN Products
See Network Products data book or http://www.amcc.com.
Products
Function
Operating Speed
Data Path
Package
Power Supply
S3011
SONET/ATM/ E-4 Tx
139/155 Mbit/s
8:1 bit
80 TEP
+5V
S3012
SONET/ATM/ E-4 Rx
139/155 Mbit/s
1:8 bit
80 TEP
+5V
S3020
ATM Tx
622 Mbit/s
8:1 bit
52 TEP
+5V
S3021
ATM Rx
622 Mbit/s
1:8 bit
52 TEP
+5V
S3027
Clock Recovery
155/622 Mbit/s
1 bit
20 TSSOP
+5V
S3028
ATM Transceiver
155/622 Mbit/s
1:8/8:1 bit
64 PQFP
+5V
S3029
Quad Transceiver
155 Mbit/s
1 bit
64 TQFP
+3.3V
S2100
100VG AnyLAN Transceiver
120 Mbit/s
4:1/1:4 bit
52 PQFP
+5.0V
Table 2. Fibre Channel/Gigabit Ethernet Products
Products
Function
Operating Speed
Data Path
Package
Power Supply
S2036
Open Fiber Control
266/531/1062 Mbit/s
N/A
28 SOIC
+5V
S2042
10-bit Compliant Fibre Channel
266/531/1062 Mbit/s
10:1/20:1 bit
52 PQFP
+5V/+3.3V
S2043
10-bit Compliant Fibre Channel
266/531/1062 Mbit/s
1:10/1:20 bit
52 PQFP
+3.3V
S2044
GLM Compliant Fibre Channel
Transmitter
266/531/1062 Mbit/s
10:1/20:1 bit
52 PQFP
+3.3V
S2045
GLM Compliant Fibre Channel
Receiver
266/531/1062 Mbit/s
1:10/1:20 bit
52 PQFP
+3.3V
S2046
Gigabit Ethernet Transmitter
1250 Mbit/s
10:1/20:1 bit
52 PQFP
+3.3V
S2047
Gigabit Ethernet Receiver
1250 Mbit/s
1:10/1:20 bit
52 PQFP
+3.3V
S2052
10-bit Compliant Fibre Channel
1062/1250 Mbit/s
10:1/1:10 bit
64 PQFP
+3.3V
S2053
Gigabit Ethernet and Fibre
Channel Transceiver
1062/1250 Mbit/s
10:1/1:10 bit
64 PQFP
+3.3V
S2054
Gigabit Ethernet and Fibre
Channel Transceiver
1062/1250 Mbit/s
10:1/1:10 bit
64 PQFP
+3.3V
S2057
Port Bypass Circuit
Up to 1500 Mbit/s
1:1 bit
20 TSSOP
+3.3V
S2058
Port Bypass and Repeater
1062 Mbit/s
1:1 bit
28 SOIC
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com