Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 84 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 84 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 80Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 81Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 82Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 83Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 84Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 85Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 86Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 87Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 88Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
84
Data Book
ADD-ON PASS-THRU CONFIGURATION
REGISTER (APTCR)
This register controls the configuration for Pass-Thru
Regions 1-4.
Byte 0 Controls Pass-Thru Region 1
Byte 1 Controls Pass-Thru Region 2
Byte 2 Controls Pass-Thru Region 3
Byte 3 Controls Pass-Thru Region 4
IMPORTANT NOTE:
This register (APTCR) is physi-
cally the same as the PCI Pass-Thru configuration
register (PTCR). It is intended that either the PCI sys-
tem or local Add-On interface will write to this register,
but not both. However, in the event that both the PCI
and Add-On write to this register, whichever side wrote
last wins. This register is also intended to be initialized
once, prior to any PCI bus operations. Pass-Thru
operation cannot be guaranteed if this register is
updated while a Pass-Thru transaction is being
performed.
Figure 35. Pass-Thru Configuration Register
Register Name:
Pass-Thru Configuration Register
Add-On Address:
60h
Power-up value:
80808080h
Add-On Attribute:
Read/Write
Size:
32 bits
Region 4
0
31
D6 Endian Conversion
0 - No Conversion
1 - Big Endian Conversion
D5 Write FIFO
0 - Enabled
1 - Disabled
Prefetch
D4 D3
00 - Disabled
01 - Small
10 - Medium
11 - Large
Active Mode Wait States
D2 D1 D0
000 - 0 Wait States
001 - 1 Wait States
010 - 2 Wait States
011 - 3 Wait States
100 - 4 Wait States
101 - 5 Wait States
110 - 6 Wait States
111 - 7 Wait States
24
Region 3
Region 2
7
8
15
16
23
D7 Pass-Thru Mode
0 - PTADR# Not Driven
1 - PTADR# Driven
Region 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com