Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 41 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 41 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 37Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 38Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 39Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 40Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 41Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 42Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 43Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 44Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 45Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
41
Data Book
PCI STATUS REGISTER (PCISTS)
This register contains PCI device status information.
This register is defined by the PCI specification and its
implementation is required of all PCI devices. Only
applicable bits are used by the S5920; those which are
not used are hardwired to 0. Status bits within this reg-
ister are designated as “write one clear,” meaning that
in order to clear a given bit, a 1 must be written. All R/
W/C bits written with a 0 are left unchanged. These
bits are identified in Figure 4 as (R/WC). Those which
are Read Only are shown as (RO).
Figure 10. PCI Status Register
Register Name:
PCI Status
Address Offset:
06h-07h
Power-up value:
0200h
Boot-load:
not used
Attribute:
Read Only Read/Write Clear
Size:
16 bits
X
X
0
0
0
0
1
0
1
Reserved = 00's
15
14
13
12
11
10
9
8
7
6
0
Reserved (RO)
Fast Back-to-Back Capable
(RO)
Data Parity Reported (RO)
DEVSEL# Timing Status
00 = Fast
01 = Medium
10 = Slow
11 = Reserved
Signaled Target Abort (R/WC)
Received Target Abort (RO)
Received Master Abort (RO)
Signaled System Error (R/WC)
Detected Parity Error (R/WC)
0
0
54
66 Mhz Capable
UDF Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com