Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 71 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 71 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 67Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 68Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 69Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 70Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 71Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 72Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 73Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 74Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 75Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
71
Data Book
Table 41. Interrupt Control Status Register
Bit
Description
31:24
Reserved. Always zero.
23
Interrupt Asserted. This read only status bit indicates that one or more of the three possible interrupt conditions
are present. This bit is the OR of the mailbox interrupt conditions described by Bits 17 and 16, as well as the OR
of the Add-On interrupt described in Bit 22 (if the Add-On Interrupt is Enabled with Bit 13). No PCI interrupt is
generated, nor is this bit ever set, for an Add-On Interrupt without the Add-On Interrupt Enable set.
22
Add-On Interrupt. This bit is set when the ADDINT# input pin is driven low by an Add-On bus device. A high bit
indicates an Add-On device is requesting service. In addition, if the ADDINT# Enable bit is set, the S5920 will
assert a PCI interrupt (INTA# driven low). The source driving ADDINT# must deassert this input before the PCI
interrupt (INTA#) is driven to a false state. Host software must clear the Add-On interrupt source before exiting
its interrupt handler routine.
21:18
Reserved. Always zero.
17
"PCI Incoming Mailbox Interrupt. This bit can be set when the mailbox is written by the Add-On interface. This bit
operates as read or write one clear. A write to this bit with the data of ""one"" will cause this bit to be reset; a
write to this bit with the data of ""O "" will not change the state of this bit."
16
"PCI Outgoing Mailbox Interrupt. This bit can be set when the mailbox is read by the Add-On interface. This bit
operates as read or write one clear. A write to this bit with the data of ""one"" will cause this bit to be reset; a
write to this bit with the data of ""O "" will not change the state of this bit."
15:14
Reserved. Always zero.
13
ADDINT# Enable. If this bit is high, the S5920 will allow the Add-On interrupt request to drive the INTA# pin. It
has no effect on the assertion of the Add-On Interrupt Bit 22.
12
Enable Incoming Mailbox interrupt. This bit allows a write from the incoming mailbox register byte identified by
bits 9 and 8 to produce a PCI interface interrupt. This bit is read/write.
11:10
Hardwired to 1. Reserved.
9:8
Incoming Mailbox Byte Interrupt Select. This field selects which byte of the mailbox is to actually cause the inter-
rupt. [00]b selects byte 0, [01]b selects byte 1, [10]b selects byte 2, and [11]b selects byte 3. This field is read/
write.
7:5
Reserved. Always zero.
4
Enable Outgoing Mailbox Interrupt. This bit allows a read by the Add-On of the outgoing mailbox register byte
identified by bits 1 and 0 to produce a PCI interface interrupt. This bit is read/write.
3:2
Hardwired to 1. Reserved.
1:0
Outgoing Mailbox Byte Interrupt Select. This field selects which byte of the mailbox is to actually cause the
interrupt. [00]b selects byte 0, [01]b selects byte 1, [10]b selects byte 2, and [11]b selects byte 3. This field is
read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com