Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 105 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 105 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 101Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 102Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 103Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 104Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 105Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 106Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 107Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 108Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 109Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
105
Data Book
MAILBOX OVERVIEW
The S5920 has two 32-bit mailbox registers. These
mailboxes are useful for passing command and status
information between the Add-On and the PCI bus. The
PCI interface has one incoming mailbox (Add-On to
PCI) and one outgoing mailbox (PCI to Add-On). The
Add-On interface has one incoming mailbox (PCI to
Add-On) and one outgoing mailbox (Add-On to PCI).
The PCI incoming and Add-On outgoing mailboxes
are the same, internally. The Add-On incoming and
PCI outgoing mailboxes are also the same, internally.
The mailbox status may be monitored in two ways.
The PCI and Add-On interfaces each have a mailbox
status register to indicate the empty/full status of data
bytes within the mailboxes. The mailboxes may also
be configured to generate interrupts to the PCI and/or
Add-On interface. The outgoing and the incoming
mailbox on each interface can be configured to gener-
ate interrupts.
FUNCTIONAL DESCRIPTION
Figure 1 shows a block diagram of the PCI to Add-On
mailbox registers. Add-On incoming mailbox read
accesses pass through an output interlock register.
This prevents a PCI bus write to a PCI outgoing mail-
box from corrupting data being read by the Add-On.
Figure 2 shows a block diagram of the Add-On to PCI
mailbox registers. PCI incoming mailbox reads also
pass through an interlocking mechanism. This pre-
vents an Add-On write to an outgoing mailbox from
corrupting data being read by the PCI bus. The follow-
ing sections describe the mailbox flag functionality and
the mailbox interrupt capabilities.
Figure 55. Figure 1. PCI to Add-On Mailbox Register
MAILBOX
REGISTER
DQ
EN
PCI CLK
OUTPUT
INTERLOCK
REGISTER
DQ
EN
ADCLK
PCI CLK
ADD-ON BUS
RD#
SELECT#
ADR -MB
MAILBOX
FULL
LOAD ENABLE
PCI BUS
DQ
R
S
V
DD
D
Q
ADCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com