Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 107 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 107 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 103Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 104Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 105Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 106Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 107Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 108Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 109Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 110Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 111Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
107
Data Book
PCI incoming mailbox interrupts, the S5920 asserts
the PCI interrupt, INTA#. For Add-On incoming mail-
box interr upts, the S5920 asser ts the Add-On
interrupt, IRQ#.
For the outgoing mailbox interrupts, when the speci-
fied byte becomes empty, an interrupt is generated.
The interrupt might be used to indicate that the other
interface has received the last information sent and
more may be written. For PCI outgoing mailbox inter-
rupts, the S5920 asserts the PCI interrupt, INTA#. For
Add-On outgoing mailbox interrupts, the S5920
asserts the Add-On interrupt, IRQ#.
Add-On Outgoing Mailbox, Byte 3 Access
PCI incoming mailbox byte 3 (Add-On outgoing mail-
box, byte 3, or AOMB[3]) has been further enhanced
by the addition of a separate 8-bit interface (MD[7:0])
on the Add-On side. This interface can be used to
write to AOMB[3] instead of/or in addition to the nor-
mal method (via an Add-On Operation Register write
to AOMB[3]).
The MD[7:0] bus can be configured in one of two
modes: Input mode or I/O mode. If the configuration
pin MDMODE is strapped high, the MD[7:0] bus is set
to be in input mode only. If MDMODE is strapped low,
the MD[7:0] bus will operate in a bi-directional mode. If
the MD[7:0] bus is set up for input-only mode, data will
be latched into AOMB[3] when the LOAD# input is
sampled low by the Add-On clock. The LOAD# input
pin may also be used to generate a PCI interrupt if the
appropriate interrupt is enabled in the Interrupt Con-
trol/Status Register (INTCSR). These functions are
identical to the Add-On device writing to its byte 3 out-
going mailbox via the DQ bus. As a matter of fact,
Add-On mailbox byte 3 is accessible by either the
external mailbox port or the Add-On interface. Which-
ever interface writes to it last will determine the data
that resides in that register.
When the MD[7:0] bus is set up for I/O mode and
LOAD# is high (deasserted), the MD[7:0] bus is an
active output, driving the contents of the PCI outgoing
mailbox, byte 3 (OMB[3]). In this case, the MD[7:0]
bus will be updated anytime the PCI writes to mailbox
OMB[3]. As a result, the MD[7:0] bus will be synchro-
nous to the PCI clock. When LOAD# is driven low, the
MD[7:0] bus is tri-stated, allowing external data to be
latched into Add-On outgoing mailbox byte 3. This is a
similar function that exists for input-only.
Figures 3 and 4 show the interaction between the
MD[7:0] bus and the LOAD# input pin. Note that a
turnaround cycle is utilized when writing data to the
mailbox byte in I/O mode. This is to prevent contention
on the MD[7:0] drivers.
BUS INTERFACE
The mailboxes appear on the Add-On and PCI bus
interfaces as two operation registers. One is the out-
going mailbox, and the other is the incoming mailbox.
These mailboxes may be used to generate interrupts
to each of the interfaces. The following sections
describe the Add-On and PCI bus interfaces for the
mailbox registers.
PCI Bus Interface
The mailbox operation registers do not support burst
accesses by an initiator. A PCI initiator attempting to
burst to the mailbox registers causes the S5920 to
respond with a target disconnect with data. PCI writes
to a full outgoing mailbox overwrite data currently in
that mailbox. PCI reads from an empty incoming mail-
box return the data that was previously contained in
the mailbox. In this case, the data cannot be guaran-
teed. It is intended for the user to verify that a mailbox
is full before it is read.
PCI incoming and outgoing mailbox interrupts are
enabled/disabled in the INTCSR. The mailboxes can
generate a PCI interrupt (INTA#) under two conditions
(individually enabled). For an incoming mailbox full
interrupt, INTA# is asserted on the rising edge of the
PCI clock after the Add-On mailbox write completes.
For an outgoing mailbox empty interrupt, INTA# is
asserted on the rising edge of the PCI clock after the
Add-On mailbox read completes. INTA# is deasserted
one PCI clock cycle after the mailbox interrupt is ser-
viced (by writing a 1 to the proper interrupt source bit).
Add-On Bus Interface
The Add-On mailbox interface behaves similarly to the
PCI bus interface. Add-On writes to a full outgoing
mailbox overwrite data currently in that mailbox. PCI
reads from an empty incoming mailbox return the data
that was previously contained in the mailbox.
Signal Pin
Add-On Outgoing Mailbox
MD0
Mailbox,Bit 24
MD1
Mailbox, Bit 25
MD2
Mailbox, Bit 26
MD3
Mailbox, Bit 27
MD4
Mailbox, Bit 28
MD5
Mailbox,Bit 29
MD6
Mailbox, Bit 30
MD7
Mailbox, Bit 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com