Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 111 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 111 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 107Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 108Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 109Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 110Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 111Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 112Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 114Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 115Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
111
Data Book
Servicing a PCI Mailbox Interrupt (INTA# asserted):
1. Identify the interrupt source(s). Multiple interrupt sources are available on the S5920. The interrupt service
routine must verify that a mailbox generated the interrupt (and not some other interrupt source).
2. Check mailbox status. The mailbox status bits indicate which mailbox bytes must be read or written.
3. Access the mailbox. Based on the contents of MBEF, mailboxes are read or written. Reading an incoming
mailbox byte clears the corresponding status bit in MBEF.
4. Clear the interrupt source. The PCI INTA# signal is deasserted by clearing the interrupt request. The request
is cleared by writing a 1 to the appropriate bit.
Servicing the Add-On mailbox interrupt (IRQ# asserted):
1. Identify the interrupt source(s). Multiple interrupt sources are available on the S5920. The interrupt service
routine must verify that a mailbox generated the interrupt (and not some other interrupt source).
2. Check mailbox status. The mailbox status bits indicate which mailbox bytes must be read or written.
3. Access the mailbox. Based on the contents of AMBEF, mailboxes are read or written. Reading the incoming
mailbox byte clears the corresponding status bit in AMBEF.
INTCSR
Bit 23
PCI interrupt asserted
INTCSR
Bit 17
PCI incoming mailbox interrupt indicator
INTCSR
Bit 16
PCI outgoing mailbox interrupt indicator
MBEF
Bits 31:28
Full PCI incoming mailbox bytes
MBEF
Bits 15:12
Empty PCI outgoing mailbox bytes
OMB
Bits 31:0
PCI outgoing mailboxes
IMB
Bits 31:0
PCI incoming mailboxes
INTCSR
Bit 17
Clear PCI incoming mailbox interrupt
INTCSR
Bit 16
Clear PCI outgoing mailbox interrupt
AINT
Bit 23
Add-On interrupt asserted
AINT
Bit 17
Add-On outgoing mailbox interrupt indicator
AINT
Bit 16
Add-On incoming mailbox interrupt indicator
AMBEF
Bits 31:28
Empty Add-On outgoing mailbox bytes
AMBEF
Bits 15:12
Full Add-On incoming mailbox bytes
AIMB
Bits 31:0
Add-On incoming mailbox
AOMB
Bits 31:0
Add-On outgoing mailbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com