Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 113 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 113 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 109Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 110Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 111Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 112Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 114Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 115Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 116Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 117Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
113
Data Book
ADD-ON LOCAL BUS INTERFACE
This chapter describes the Add-On Local bus interface
of the S5920. The S5920 is designed to support con-
nection to a variety of microprocessor buses and/or
peripheral devices. The Add-On interface controls
S5920 operation through the Add-On Operation Reg-
isters accessed through the 32 bit local bus.
The Add-On local bus interface is synchronous to
ADCLK. ADCLK is a 0-40 MHz clock input which can
be configured as asynchronous to the PCI clock or
synchronous when connected to the S5920 BPCLK
output. The following sections describe the various
interfaces to the PCI bus and how they are accessed
from the Add-On bus.
ADD-ON INTERFACE SIGNALS
The Add-On bus provides a number of system signals
to allow Add-On logic to monitor PCI bus activity, to
indicate status conditions (interrupts), and to configure
the S5920 Add-On bus.
SYSTEM SIGNALS
BPCLK is a buffered version of the PCI clock. The PCI
clock can operate from 0 MHz to 33 MHz.
SYSRST# is a buffered version of the PCI reset signal,
and may also be toggled by host application software
through bit 24 of the Reset Control Register (RCR).
IRQ# is the PCI interrupt request output to the Add-On
bus. This signal is active low and can indicate multiple
conditions. Add-On interrupts can be generated from
the mailbox interface or to indicate start of BIST. The
conditions which will generate an IRQ# due to mailbox
activity are discussed in the mailbox chapter. The
IRQ# output is deasserted when acknowledged by
writing a 1 to the corresponding interrupt bit in the
Add-On Interrupt Control/Status Register (AINT). See
Table 3.
The PTMODE signal (Pass-Thru Mode) controls the
Pass-Thru interface only. Asserting it will configure the
Pass-Thru in Passive mode and low will configure the
Pass-Thru in Active mode.
ADDINT# is an Add-On interrupt input pin. When
asserted, it will cause the PCI interrupt output pin
(INTA#) to assert. The ADDINT# is a level-sensitive
input. Any number of Add-On peripheral interrupt
sources can drive this input. There must be a pull-up
resistor on the board to pull it high when inactive. This
interrupt has to be enabled by Bit 13 of the INTCSR. It
is the responsibility of the PCI host to clear the inter-
rupt source of ADDINT# in order to have the pending
interrupt deasserted.
The DQMODE signal configures the data path width
for all Add-On Operation register accesses, except for
the Pass-Thru Data and Address registers. When
DQMODE is low, DQ is configured as a 32-bit data
bus. When DQMODE is high, DQ is configured as a
16-bit data bus. For 16-bit operation, BE3# is rede-
fined as ADR1, providing an extra address input, and
BE2# is unused. ADR1 selects the low or high words
of the 32-bit S5920 Add-On Operation Registers.
ADD-ON S5920 REGISTER ACCESSES
The S5920 Add-On bus is very similar to that of a
memory or peripheral device found in a microproces-
sor-based system. A 32-bit data bus with individual
read and write strobes, a chip select and byte enables
are provided.
Register Access Signals
Register accesses to the S5920 Add-On Operation
Registers are synchronous to the Add-On input clock
(ADCLK). The following signals are required to com-
plete a register access to the S5920.
BE[3:0]#
Byte Enable Inputs. These signals identify
which bytes of the DQ bus are valid during Add-
On bus transactions. BE0# indicates valid
DQ[7:0], BE1# a valid DQ[15:8], etc. When DQ is
configured for 16-bit operation, BE2# is not
defined and BE3# becomes ADR1.
ADR[6:2]
Address Register Inputs. These pins
address a specific Add-On Operation Register
within the S5920. When DQ is configured for 16-
bit operation, an additional input, ADR1 is avail-
able to allow the 32-bit operation registers to be
accessed in two 16-bit cycles.
RD#
Read Enable Input.
WR#
Write Enable Input.
SELECT#
Chip Select Input. This input indicates RD#,
WR#, ADR[6:2] and BE[3:0] are valid.
DQ[31:0]
Bi-directional Data Bus. These I/O pins are
the Add-On data bus.
S5920 General Register Accesses
For many Add-On applications, Add-On logic does not
operate at the PCI bus frequency. This is especially
true for Add-On designs implementing a microproces-
sor, which may be operating at a lower or higher
frequency.
The RD# and WR# inputs become enables, using
ADCLK to clock data into and out of registers. All
inputs are sampled on the rising edge of ADCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com