Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 110 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 110 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 106Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 107Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 108Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 109Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 110Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 111Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 112Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 114Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
110
Data Book
Mailbox Interrupts
Although polling status is useful in some cases, polling requires continuous actions by the processor. Mailbox inter-
rupt capabilities are provided to avoid much of the processor overhead required by continuously polling status bits.
The Add-On and PCI interface can each generate interrupts on the incoming mailbox condition and/or the outgoing
mailbox condition. These can be individual enabled/disabled. A specific byte in the incoming mailbox and outgoing
mailbox is identified to generate the interrupt(s). The tasks required to setup the mailbox interrupts are as follows:
Enabling PCI mailbox interrupts:
1. Enable PCI outgoing mailbox interrupts. A specific byte within the outgoing mailboxes is identified to assert
INTA# when read by the Add-On interface.
2. Enable PCI incoming mailbox interrupts. A specific byte within the incoming mailboxes is identified to assert
INTA# when written by the Add-On interface.
Enabling Add-On mailbox interrupts:
1. Enable Add-On outgoing mailbox interrupts. A specific byte within the outgoing mailboxes is identified to
assert IRQ# when read by the PCI interface.
2. Enable Add-On incoming mailbox interrupts. A specific byte within the incoming mailboxes is identified to
assert IRQ# when written by the PCI interface.
With either the Add-On or PCI interface, these two steps can be performed with a single access to the appropriate
register. They are shown separately here for clarity.
Once interrupts are enabled, the interrupt service routine must access the mailboxes and clear the interrupt
source. A particular application may not require all of the steps shown. For instance, a design may only use the
incoming mailbox interrupts and not require support for the outgoing mailbox interrupts. The interrupt service rou-
tine tasks are as follows:
INTCSR
Bit 4
Enable outgoing mailbox interrupts
INTCSR
Bits 1:0
Identify mailbox byte to generate interrupt
INTCSR
Bit 12
Enable incoming mailbox interrupts
INTCSR
Bits 9:8
Identify mailbox byte to generate interrupt
AINT
Bit 12
Enable outgoing mailbox interrupts
AINT
Bits 9:8
Identify mailbox byte to generate interrupt
AINT
Bit 4
Enable incoming mailbox interrupts
AINT
Bits 1:0
Identify mailbox byte to generate interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com