Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 114 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 114 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 110Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 111Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 112Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 114Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 115Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 116Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 117Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 118Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
114
Data Book
Figures 1 and 2 show basic operation register access
timing relationships. Detailed AC timings are in Electri-
cal and AC Characteristics. Chapter 10.
For reads (Figure 1), data is driven onto the DQ bus on
the ADCLK cycle after RD# is sampled asserted.
When RD# is not asserted, the DQ outputs float. The
address, byte enable, and RD# inputs must meet
setup and hold times relative to the rising edge of
ADCLK.
For writes (Figure 2), data is clocked into an operation
register on the rising edge of ADCLK in which WR# is
sampled asserted. Address, byte enables, WR# and
data must all meet setup and hold times relative to the
rising edge or ADCLK.
Figure 59. Read Operation Register
Figure 60. Write Operation Register
S5920 16-bit Mode Register Accesses
In the S5920 there are two methods of defining the
Add-On DQ width: one is by using the DQMODE pin
and the other is to define a Pass-Thru region size of 8,
16 or 32 bits. The DQMODE pin allows external 16-bit
devices to access S5920 Operation Registers without
additional logic. The external device is able to write
and read the S5920 32-bit registers in two 16-bit cycle
accesses. When performing an Operation Register
access with t h e DQMODE pin set f o r 16 bit s
(DQMODE = 1), only the lower half (DQ[15:0]) of the
DQ bus is driven during a read or write. The S5920
internally steers the data bus and the byte enables
based on the BE3# input. It is important to note that
the DQMODE pin has no effect on accesses to the
Pass-Thru Data Register. For non 32-bit Pass-Thru
regions, the region size should be used instead. In 16-
bit mode, a 32-bit DWORD write is performed in two
cycles:
Cycle 1:
DQ[15:0] is driven with the lower-WORD.
WR#, ADR and SELECT# are asserted, BE[1:0]# indi-
cates which bytes of the WORD are valid, and BE3#
(which has been redefined as ADR1 when in 16-bit
mode) is set to zero, indicating that the write is for the
lower-WORD of the DWORD transfer. DQ[15:0] will be
written to the bottom 16 bits of the internal 32-bit regis-
ter (be it a Mailbox, Pass-Thru configuration register,
etc.).
Cycle 2:
DQ[15:0] is driven with the upper-WORD.
WR#, ADR and SELECT# are asserted, BE[1:0]# indi-
cate which bytes of the WORD are valid, and BE3# is
set to one, indicating that the write is for the upper-
WORD of the DWORD transfer. DQ[15:0] will be writ-
ten to the upper 16-bits of the internal 32-bit register.
VALID
ADCLK
SELECT#
ADR[6:2]
BE[3:0]#
RD#
DQ[31:0]
VALID
VALID
VALID
VALID
ADCLK
SELECT#
ADR[6:2]
BE[3:0]#
WR#
DQ[31:0]
DATA
Transfered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com