Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 115 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 115 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 111Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 112Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 113Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 114Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 115Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 116Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 117Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 118Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 119Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
115
Data Book
Figure 61. 16 Bit Mode Operation Register DWORD Write/Read
Figure 3. 16 Bit Mode Operation Register DWORD
Write/Read Figure 3 shows an example of a DWORD
write of 12345678h using a 16 bit-mode write transfer,
and is described as follows:
Clock 1: ADR[6:2], BE[3:0], SELECT# and WR# are
driven, DQ[15:0] is driven with the data to be written.
BE3# is low indicating that the DQ bus data is to be
written to the lower WORD of the register. BE[2:0]# is
00h, indicating that both bytes on the DQ[15:0] bus are
valid and should be written to the register indicated by
ADR[6:2].
Clock 2: The rising edge of clock 2 writes 5678h into
the lower WORD of the register. 1234h is driven onto
the DQ[15:0] bus. BE3# is driven high, indicating the
DQ bus data is to be written to the upper WORD of the
register. BE[2:0]# is 10h indicating that the lower byte
of the WORD on DQ[15:0] bus is valid. This example
shows how the BEs function.
Clock 3: The rising edge of clock 3 writes 34h into the
lower byte of the upper WORD of the register.
BE[2:0]# is “01” indicating the upper byte on DQ[15:0]
is valid.
Clock 4: The rising edge of clock 4 writes 12h into the
upper byte of the upper WORD of the register.
12345678h is in the register selected by ADR[6:2].
SELECT#, ADR[6:2], WR#, BE[3:0]# and DQ are
deasserted. No read or write occurs on the rising edge
of clocks 5 and 6.
Figure 3 also shows a DWORD read of 12345678h
from the same register, using a 16-bit mode read
transfer, and is described as follows:
Clock 6: ADR[6:2], SELECT# and RD# are asserted.
BE3# is high, indicating the upper WORD of the regis-
ter is to be driven onto DQ[15:0] and BE[1:0]# is 00h
indicating both bytes of the WORD are to be driven.
Clock 7: The S5920 drives 1234h onto DQ[15:0] as a
result of the read issued during the previous cycle.
BE3# is next driven low to indicate the lower WORD of
the register is to be driven onto DQ[15:0]. BE[1:0]# is
00h indicating both bytes of the WORD should be
driven onto DQ[15:0]. Note: in the event that BE[0]#
was 1b, DQ[7:0] would NOT be driven during Clock 8,
it would remain tri-state. The only exception to this is if
ADR[6:2] indicated the Pass-Thru Data Register,
where all of DQ[15:0] would be driven, regardless of
the state of BE[1:0]#.
Clock 8: On the rising-edge, Add-On logic latches data
1234h. The S5920 drives 5678h onto DQ[15:0] as a
result of the read issued during the previous cycle.
ADR[6:2], SELECT#, RD# and BE[3:0]# are deas-
serted, completing the transfer.
Clock 9: On the rising-edge, Add-On logic latches data
5678h. DQ[15:0] returns to tri-state as RD# was sam-
pled deasserted.
ADCLK
WR#
SELECT#
0
1234
ADR[6:2]
BE3#
RD#
DQ[15:0]
5678h
56789
10
11
12
13
BE[1:0]#
DQMODE
1234h
1234
5678h
00b
60h
10b
01b
00b
60h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com