Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 61Page - ATMEL Corporation AT697F Datasheet HTML 62Page - ATMEL Corporation AT697F Datasheet HTML 63Page - ATMEL Corporation AT697F Datasheet HTML 64Page - ATMEL Corporation AT697F Datasheet HTML 65Page - ATMEL Corporation AT697F Datasheet HTML 66Page - ATMEL Corporation AT697F Datasheet HTML 67Page - ATMEL Corporation AT697F Datasheet HTML 68Page - ATMEL Corporation AT697F Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 155 page
background image
AT697F ADVANCE INFORMATION
65
7703C–AERO–6/09
DSU
Communication
Link
DSU communication link consists of a UART connected to the internal bus as a master.
Figure 39. DSU Communication Link Block Diagram
DSURX
DSUTX
Receiver shift register
Transmitter shift register
AHB master interface
AHB data/response
AMBA AHB
Serial port
Controller
8*bitclk
Baud-rate
generator
AMBA APB
A simple communication protocol is supported to transmit access parameters and data. A link
command consist of a control byte, followed by a 32-bit address, followed by optional write data.
If the TBC LR is set, a response byte will be sent after each AHB transfer. If the TBC LR is not
set, a write access does not return any response, while a read access only returns the read
data.
Data Frame
Data is sent on 8-bit basis.
Figure 40. DSU UART Data Frame
Start
D0
Stop
D6
D5
D4
D3
D2
D1
D7
Commands
Through the communication link, a read or write transfer can be generated to any address on the
internal bus. A response byte is can optionally be sent when the processor goes from execution
mode to debug mode. Block transfers can be performed be setting the length field to n-1, where
n denotes the number of transferred words. For write accesses, the control byte and address is
sent once, followed by the number of data words to be written. The address is automatically
incremented after each data word. For read accesses, the control byte and address is sent once
and the corresponding number of data words is returned.
Figure 41. DSU Commands
DSU Write Command
11 Length -1
Addr[31:24]
Addr[7:0]
Addr[15:8]
Addr[23:16]
Data[31:24]
Data[7:0]
Data[15:8]
Data[23:16]
Send
Receive
10 Length -1
Addr[31:24]
Addr[7:0]
Addr[15:8]
Addr[23:16]
Send
DSU Read command
Resp. byte
(optional)
Receive
Data[31:24]
Data[7:0]
Data[15:8]
Data[23:16]
Resp. byte
(optional)
bit 7:3 = 000000
bit 1:0 = HRESP
Response byte encoding
bit 2 = DMODE
Clock Generation
The UART contains a 14-bit down-counting scaler to generate the desired baud-rate. The scaler
is clocked by the system clock and generates a UART tick each time it underflows. The scaler is
reloaded with the value of the UART scaler reload register after each underflow. The resulting
UART tick frequency should be 8 times the desired baud-rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com