Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 50Page - ATMEL Corporation AT697F Datasheet HTML 51Page - ATMEL Corporation AT697F Datasheet HTML 52Page - ATMEL Corporation AT697F Datasheet HTML 53Page - ATMEL Corporation AT697F Datasheet HTML 54Page - ATMEL Corporation AT697F Datasheet HTML 55Page - ATMEL Corporation AT697F Datasheet HTML 56Page - ATMEL Corporation AT697F Datasheet HTML 57Page - ATMEL Corporation AT697F Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 155 page
background image
54
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
IO transaction cycles
operation
The following procedure shall be used to engage I/O transaction on the PCI interface:
1.
Select the initiator mode by setting logical one in PCIIC MOD.
2.
Select the I/O load/store command in the PCI initiator configuration register. The PCI-
IC COMMSB shall be set logical ‘00’ for I/O operation.
3.
Enabling the interrupt signalisation is optionnal. It can be enabled setting logical one in
PCIITE IMIER. Up to four interrupt sources can be defined : Initiator Error, Initiator Par-
ity Error, PCI core error and system error.
4.
Engage an access to an I/O address mapped in the PCI address range.
Configuration cycles
Target selection
Accesses to a configuration address space requires the target device to be selected. Due to the
address range limitation, the chip-select (IDSEL) connection necessary for device selection shall
be done using only A/D[27:16]. This allows up to 12 PCI devices to be connected on the bus.
Devices with chip-select line connected to A/D[31:28] can’t be configured through standard
operations. DMA configuration cycles shall be used to configure the devices connected to
A/D[31:28].
The PCI bus configuration cycles can be performed using the same instructions as the main
memory. To generate such configuration cycle with the standard instructions,PCIIC COMMS
shall be programmed to ‘01’.
Then, if a load (or store) cycle is performed to an addresss in the PCI address range, a physical
configuration cycle is performed on the PCI bus. The full 32-bit address defined on the internal
bus is propagated on the PCI bus. Once a target is selected (DEVSEL* asserted).
Operation
The following procedure shall be used to engage configuration cycle on the PCI interface:
1.
Select the initiator mode by setting logical one tin PCIIC MOD
2.
Select the configuration load/store command in PCIIC COMMS shall be set logical ‘10’
for configuration operation.
3.
Enabling the interrupt signalisation is optionnal. It can be enabled setting logical one in
PCIITE IMIER. Up to four interrupt sources can be defined : Initiator Error, Initiator Par-
ity Error, PCI core error and system error.
4.
Engage an access to an configuration space.
Limitation
Configuration cycles shall only be generated by the PCI host of the bus or by a PCI-to-PCI
bridges.
Special cycles
By default, all requests are translated into single cycle PCI transactions, each transaction con-
sisting in an address phase followed by a single data phase.
Linear incrementing
store-word
Linear incrementing store-word sequences are translated into undetermined length PCI write
bursts with up to a maximum of 255 words. The PCI burst mode is then maintained as long as
possible. Read/write direction is unchanged and the address An+1 = An + 4. When the sequence
is discontinued, the PCI burst stops with a last data phase during which byte enables are 1111.
Fast back2back cycles
The PCI implementation only supports fast back2back cycles to the same target. Before using
fast back-2-back transfers, fast back-2-back cycles shall be enabled setting logical one the bit
COM9 in the status command register (PCISC). PCISC COM9 shall only be set one if all tar-
gets on the bus support fast back-2-back transfers. Issuing a fast back to back transfer is done
setting logical one in PCIDMA B2B.
Note:
Fast back-2-back can only be generated by the initiator. It is not accepted by the AT697 PCI tar-
get.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com