Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 69Page - ATMEL Corporation AT697F Datasheet HTML 70Page - ATMEL Corporation AT697F Datasheet HTML 71Page - ATMEL Corporation AT697F Datasheet HTML 72Page - ATMEL Corporation AT697F Datasheet HTML 73Page - ATMEL Corporation AT697F Datasheet HTML 74Page - ATMEL Corporation AT697F Datasheet HTML 75Page - ATMEL Corporation AT697F Datasheet HTML 76Page - ATMEL Corporation AT697F Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 155 page
background image
AT697F ADVANCE INFORMATION
73
7703C–AERO–6/09
System Clock
Overview
The AT697F clock system is mainly based on two main clock trees: the PCI clock and the CPU
clock. The following figure presents the clock system of the processor and its distribution.
Figure 47.
PLL
Alternate
PCI clock
CLK
BYPASS
PDIV4
LOCK
UART clock
Uart Control Reg.
UACn
PCI Core
SDCLK
CPU Core
GPI
Timers
Uarts
Memory
Control
PCI
Wrapper
Interrupt
Controller
Caches
Reg. File
Clock Distribution
PCI Clock
The PCI clock is dedicated to the PCI Interface. It is used in particular by the PCI wrapper that
shares its activity between the two clock domains.
External Clock
The PCI interface and its associated wrapper can only be driven from an external clock. The PCI
clock shall be connected to the PCI_CLK pin of the PCI interface. This input shall be driven at a
frequency in the range of 0 up to 33MHz.
CPU Clock
The CPU clock is routed to the parts of the system concerned with operation of the SPARC core.
Examples of such modules are the CPU core itself, the register files... The CPU clock is also
used by the majority of the I/O modules like Timers, Memory controller, Interrupt Controller, with
the exception of the PCI Interface.
The CPU clock is driven either directly by an external oscillator or by the internal PLL.
External Clock
To drive the device directly from an external clock source, the CLK input shall be driven by an
external clock generator while the BYPASS pin is driven high. In that way, the CPU clock is the
direct representation of the clock applied to CLK.
When the external CPU clock source is selected, the clock input can be driven at a frequency in
the range of 0MHz up to 100MHz.
PLL
Overview
The CPU clock can be issued from the internal PLL. This PLL contains a phase/frequency
detector, charge pump, voltage control oscillator, low pass filter, lock detector and divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com