Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 77Page - ATMEL Corporation AT697F Datasheet HTML 78Page - ATMEL Corporation AT697F Datasheet HTML 79Page - ATMEL Corporation AT697F Datasheet HTML 80Page - ATMEL Corporation AT697F Datasheet HTML 81Page - ATMEL Corporation AT697F Datasheet HTML 82Page - ATMEL Corporation AT697F Datasheet HTML 83Page - ATMEL Corporation AT697F Datasheet HTML 84Page - ATMEL Corporation AT697F Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 155 page
background image
BitNumber
Mnemonic
Description
31..2
wmask[29:0]
Defines which bits are to be compared to waddr.
‘0’ = comparison disabled
‘1’ = comparison enabled
1
dl
Enable hit generation on data load
‘0’ = disabled
‘1’ = enabled
0
ds
Enable hit generation on data store
‘0’ = disabled
‘1’ = enabled
AT697F ADVANCE INFORMATION
81
7703C–AERO–6/09
These registers are accessed using the RDASR/WRASR instructions
Table 38. Register File Protection Control Register
Address :%asr16
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
cnt[2:0]
tcb[6:0]
te
di
r
r/w
r/w
r/w r/w
xxxx x
000
x
0
1
Bit Number
Mnemonic
Description
11..9
cnt[2:0]
Error counter.
Incremented for each corrected error
8..2
tcb[6:0]
Test checkbits
1
te
EDAC test enable
‘0’ = disabled
‘1’ = enabled
0
di
Disable EDAC function
‘1’ = disabled
‘0’ = enabled
This register is accessed using the RDASR/WRASR instructions.
Table 39. Window Registers
Type
Name
Definition
in
i7
return address
i6
frame pointer
i5
incoming parameter register 5
i4
incoming parameter register 4
i3
incoming parameter register 3
i2
incoming parameter register 2
i1
incoming parameter register 1
i0
incoming parameter register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com