Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 11Page - ATMEL Corporation AT697F Datasheet HTML 12Page - ATMEL Corporation AT697F Datasheet HTML 13Page - ATMEL Corporation AT697F Datasheet HTML 14Page - ATMEL Corporation AT697F Datasheet HTML 15Page - ATMEL Corporation AT697F Datasheet HTML 16Page - ATMEL Corporation AT697F Datasheet HTML 17Page - ATMEL Corporation AT697F Datasheet HTML 18Page - ATMEL Corporation AT697F Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 155 page
background image
15
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
AT697F CPU
Core
This section discusses the SPARC core architecture in general. The main function of the CPU core
is to ensure correct program execution. The CPU must therefore be able to access memories, perform cal-
culations, control peripherals, and handle interrupts.
SPARC
Architecture
Overview
The AT697F CPU core is based on the LEON2 architecture.
Figure 2. Block diagram of the AT697F Integer Unit architecture
alu/shift
mul/div
y
regfile
D-cache
address/dataout
datain
32
32
operand2
rs1
imm, tbr, wim, psr
Y
wres
result
ytmp
Decode
Execute
Memory
Write
rs2
rs1
rd
tbr, wim, psr
30
jmpl address
32
ex pc
30
+1
d_pc
jmpa
f_pc
Add
call/branch address
tbr
‘0’
e_pc
m_pc
w_pc
d_inst
e_inst
m_inst
w_inst
Fetch
I-cache
address
data
The AT697F integer unit (IU) implements SPARC integer instructions as defined in SPARC
Architecture Manual version 8. The IU is designed for highly dependable space and military
applications by including fault tolerance features.
To execute instructions at a rate approaching one instruction per clock cycle, the IU employs a
five-stage instruction pipeline that permits parallel execution of multiple instructions.
•
Instruction Fetch: If the instruction cache is enabled, the instruction is fetched from the
instruction cache. Otherwise, the fetch is forwarded to the memory controller. The instruction
is valid at the end of this stage and is latched inside the IU.
•
Decode: The instruction is decoded and the operands are read. Operands may come from
the register file or from internal data bypasses. CALL and Branch target addresses are
generated in this stage.
•
Execute: ALU, logical, and shift operations are performed. For memory operations and for
JMPL/RETT, the address is generated.
•
Memory: Data cache is accessed. For cache reads, the data will be valid by the end of this
stage, at which point it is aligned as appropriate. Store data read out in the Execute stage is
written to the data cache at this time.
•
Write: The result of any ALU, logical, shift, or cache read operations re written back to the
register file.
All five stages operate in parallel, working on up to five different instructions at a time. A basic
’single-cycle’ instruction enters the pipeline and completes in five cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com