Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 8Page - ATMEL Corporation AT697F Datasheet HTML 9Page - ATMEL Corporation AT697F Datasheet HTML 10Page - ATMEL Corporation AT697F Datasheet HTML 11Page - ATMEL Corporation AT697F Datasheet HTML 12Page - ATMEL Corporation AT697F Datasheet HTML 13Page - ATMEL Corporation AT697F Datasheet HTML 14Page - ATMEL Corporation AT697F Datasheet HTML 15Page - ATMEL Corporation AT697F Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 155 page
background image
12
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
A low-to-high transition on this active high input will generate break condition and put the pro-
cessor in debug mode.
DSUEN - DSU enable (input)
The active high input enables the DSU unit. If de-asserted, the DSU trace buffer will continue to
operate but the processor will not enter debug mode.
DSURX - DSU receiver (input)
This active high input provides the data to the DSU communication link receiver
DSUTX - DSU transmitter (output)
This active high input provides the output from the DSU communication link transmitter.
JTAG
TCK - Test Clock (input)
Used to clock serial data into boundary scan latches and control sequence of the test state
machine. TCK can be asynchronous with CLK.
TMS - Test Mode select (input)
Primary control signal for the state machine. Synchronous with TCK. A sequence of values on
TMS adjusts the current state of the TAP.
TDI - Test data input (input)
Serial input data to the boundary scan latches. Synchronous with TCK
TDO - Test data output (output)
Serial output data from the boundary scan latches. Synchronous with TCK
TRST - Test Reset (input)
Resets the test state machine. Can be asynchronous with TCK. Shall be grounded for end
application.
PCI Arbiter
AREQ*[3:0] - PCI bus request (Input)
When asserted, these active low inputs indicate that a PCI agent is requesting the bus.
AGNT*[3:0] - PCI bus grant (Output)
When asserted, these active low outputs indicate that a PCI agent is granted the PCI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com