Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 29Page - ATMEL Corporation AT697F Datasheet HTML 30Page - ATMEL Corporation AT697F Datasheet HTML 31Page - ATMEL Corporation AT697F Datasheet HTML 32Page - ATMEL Corporation AT697F Datasheet HTML 33Page - ATMEL Corporation AT697F Datasheet HTML 34Page - ATMEL Corporation AT697F Datasheet HTML 35Page - ATMEL Corporation AT697F Datasheet HTML 36Page - ATMEL Corporation AT697F Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 155 page
background image
AT697F ADVANCE INFORMATION
33
7703C–AERO–6/09
SDRAM
The synchronous dynamic RAM interface can manage up to two SDRAM banks. The control of
the SDRAM memory accesses uses a standard set of pin, including chip selects (SDCS*x), write
enable (SDWE*), data masks (SDDQM*x) and clock lines.
The bank size of the two SDRAM banks can be configured by setting the value of the
MCFG2
SDRBS. The bank size can be programmed in binary step from 4 Mbytes to 512
Mbytes.
The controller supports 64M, 256M and 512M devices with 8 to 12 column-address bits, up to 13
row-address bits, and 4 banks. Only 32-bit data bus width is supported for SDRAM banks.
Address Mapping
The start address for the SDRAM banks depends upon the SRAM use in the application. If the
the SRAM disable bit MCFG2 SI and the SDRAM enable bit MCFG2 SE are set logical one,
the SDRAM start address is 0x40000000. If the the SRAM disable bit MCFG2 SI is set logical
zero and the SDRAM enable bit MCFG2
SE is set logical one, the SDRAM start address is
0x60000000. If MCFG2 SE if set logical zero, no SDRAM can be used.
The address bus of the SDRAMs shall be connected to A[14:2], the bank address to A[16:15].
Devices with less than 13 address pins should only use the less significant bits of A[14:2].
Figure 17. SDRAM connection overview
AD
AT697F
A[27:0]
D[31:0]
RAS
CAS
WE
BA
D
SDRAM
SDRAS*
SDCAS*
SDWE*
A[16:15]
DQM
SDDQM[3:0]
CLK
CSN
SDCLK
SDCSN[1:0]
A
A[14:2]
SDRAM Timing
Parameters
To provide optimum access cycles for different SDRAM devices some SDRAM parameters can
be programmed through MCFG2 register. The programmable SDRAM parameters are the fol-
lowing :
Table 15. SDRAM Programmable Timing Parameters
Function
Parameter
Range
Unit
CAS latency
2 - 3
clocks
Precharge to activate
t
RP
2 - 3
clocks
Auto-refresh command period
t
RFC
3 - 11
clocks
Auto-refresh interval
10 - 32768
clocks
SDRAM Commands
The SDRAM controller can issue three SDRAM commands. Commands to be executed are pro-
grammed through the MCFG2
SDRCMD. When this field is writen with a non zero value, a
SDRAM command is issued :
•
if set to ‘01’, Precharge command is sent,
•
if set to ‘10’, Auto-Refresh command is sent,
•
if set to ‘11’, Load Mode Reg (LMR) is sent.
When the LMR command is issued, the MCFG2
SDRCAS delay programmed is used.
MCFG2 SDRCMD is cleared after a command is executed. When changing the value of the
CAS delay, a LOAD-MODE-REGISTER command should be generated at the same time.
The SDRAM controller also provides a refresh command. It can be enabled by setting a logical
one into MCFG2 SDRREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com