Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 30Page - ATMEL Corporation AT697F Datasheet HTML 31Page - ATMEL Corporation AT697F Datasheet HTML 32Page - ATMEL Corporation AT697F Datasheet HTML 33Page - ATMEL Corporation AT697F Datasheet HTML 34Page - ATMEL Corporation AT697F Datasheet HTML 35Page - ATMEL Corporation AT697F Datasheet HTML 36Page - ATMEL Corporation AT697F Datasheet HTML 37Page - ATMEL Corporation AT697F Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 155 page
background image
34
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
The Auto-Refresh command enables a periodical refresh for both SDRAM banks. The period
between two Auto-Refresh command is programmed in MCFG3 SRCRV.
Depending on SDRAM type, required period is typically 7.8 or 15.6
μs. This corresponds to 780
or 1560 clock cycle at 100MHz.
Refresh period is calculated as
Refresh Period
Reload value
1
+
sdclk frequency
--------------------------------------------
=
SDRAM Initialisation
After reset, the SDRAM controller automatically performs the SDRAM initialisation sequence. It
consists in PRECHARGE, two AUTO-REFRESH cycles and LOAD-MODE-REG on both banks
simultaneously.
The controller programs the SDRAM to use page burst on read and single location access on
write. A CAS latency of 3 is programmed by default. This value can be updated later by
software.
SDRAM Read Access
A read transaction consists in three main operation. First, an ACTIVATE command to the
desired bank and row is performed. Then, after the programmed CAS delay, a READ command
is sent. The read transaction is terminated with a PRE-CHARGE command. No bank is left open
between two accesses.
A burst read is performed if a burst access is requested on the internal bus.
SDRAM Write Access
A write transactions consists in three main operations. First, an ACTIVATE command to the
desired bank and row is performed. Then, a WRITE command is sent. The write transaction is
terminated with the PRE-CHARGE command.
A burst write on internal bus generates a burst of write commands without idle cycles in-
between.
Access Error
An access error can be indicated to the processor asserting the BEXC* signal. If enabled by set-
ting logical one to MCFG1 BEXC , the BEXC* signal is sampled with the data.
If the BEXC* signal is driven low by the external device during the access, an error response is
generated on the internal bus.
•
Trap 0x01 is taken if an instruction fetch is in progress
•
Trap 0x09 is taken if a data space access is in progress
•
Trap 0x2B is taken if a data store is in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com