Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 2 Page - ATMEL Corporation

  AT697F Datasheet HTML 1Page - ATMEL Corporation AT697F Datasheet HTML 2Page - ATMEL Corporation AT697F Datasheet HTML 3Page - ATMEL Corporation AT697F Datasheet HTML 4Page - ATMEL Corporation AT697F Datasheet HTML 5Page - ATMEL Corporation AT697F Datasheet HTML 6Page - ATMEL Corporation AT697F Datasheet HTML 7Page - ATMEL Corporation AT697F Datasheet HTML 8Page - ATMEL Corporation AT697F Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 155 page
background image
2
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Description
The AT697F is a highly integrated, high-performance 32-bit RISC embedded processor based
on the SPARC V8 architecture. The implementation is based on the European Space Agency
(ESA) LEON2 fault tolerant model. By executing powerful instructions in a single clock cycle, the
AT697F achieves throughputs approaching 1MIPS per MHz, allowing the system designer to
optimize power consumption versus processing speed.
The AT697F is designed to be used as a building block in computers for on-board embedded
real-time applications. It brings up-to-date functionality and performance for space application.
The AT697F only requires memory and application specific peripherals to be added to form a
complete on-board computer.
The AT697F contains an on-chip Integer Unit (IU), a Floating Point Unit (FPU), separate instruc-
tion and data caches, hardware multiplier and divider, interrupt controller, debug support unit
with trace buffer, two 32-bit timers, Parallel and Serial interfaces, a Watchdog, a PCI Interface
and a flexible Memory Controller. The design is highly testable with the support of a Debug Sup-
port Unit (DSU) and a boundary scan through JTAG interface.
An Idle mode holds the processor pipeline and allows Timer/Counter, Serial ports and Interrupt
system to continue functioning.
The processor is manufactured using the Atmel 0.18 µm CMOS process. It has been especially
designed for space, by implementing on-chip concurrent transient and permanent error detec-
tion and correction.
The AT697F is pinout compatible with the AT697E.
Refer to section “Differences between AT697F and AT697E”, page 146“ for detailed description
of the differences between AT697F and AT697FE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com