Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 16Page - ATMEL Corporation AT697F Datasheet HTML 17Page - ATMEL Corporation AT697F Datasheet HTML 18Page - ATMEL Corporation AT697F Datasheet HTML 19Page - ATMEL Corporation AT697F Datasheet HTML 20Page - ATMEL Corporation AT697F Datasheet HTML 21Page - ATMEL Corporation AT697F Datasheet HTML 22Page - ATMEL Corporation AT697F Datasheet HTML 23Page - ATMEL Corporation AT697F Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 155 page
background image
20
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Watch Points
The integer unit contains four hardware watch-points allowing generation of a trap on an arbi-
trary memory address range. Any binary aligned address range can be watched (the two less
significant bits are ignored)
Each watch-point consists in a pair of application-specific registers
•
break address register
The break address defines a reference address for testing.
•
mask register
The mask indicates which bits of the break address register are to be effectively taken in
account during address test
Configuration
A watchpoint is enabled setting logical one at least one of the three bits IF, Dl or DS in the
watchpoint address and mask registers. When all three bits are set logical zero, the watchpoint
is disabled.
If the instruction fetch bit (IF) from the watchpoint address register is set logical one, any attempt
to fetch an instruction from one of the address defined by ADDR and MASK results in a trap
generation.
If the data store bit (DS) from the watchpoint address register is set logical one, any attempt to
store data to one of the address defined by ADDR and MASK results in a trap generation.
If the data load bit (DL) from the watchpoint mask register is set logical one, any attempt to load
a data from one of the address defined by ADDR and MASK results in a trap generation.
Operation
To detect if an address is part of the memory address range that traps, address bit 31 down to
bit 2 are Xored with the BADx BADDx.
This operation is based on the following segmentation of an address.
Table 7.
bit num. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
field
Address
ignored
Address Segmentation
With such segmentation, it is possible to define trap segment from 4bytes up to 1Gbyte.
The result of the Xor is then Anded with the BMAx BMAx.
If the result is zero, this indicates that address specified is in the watched range. Then, a watch-
point hit error is generated. Trap 0x0B is generated. If result is different from zero, address is out of
the watched address range.
Figure 6. Watchpoint Hit Principle
Watchpoint Address Reg.
%asrx
30
30
30
30
Trap 0x0B
Watchpoint Mask Reg.
%asry
logic
IF
DS
DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com