Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 18Page - ATMEL Corporation AT697F Datasheet HTML 19Page - ATMEL Corporation AT697F Datasheet HTML 20Page - ATMEL Corporation AT697F Datasheet HTML 21Page - ATMEL Corporation AT697F Datasheet HTML 22Page - ATMEL Corporation AT697F Datasheet HTML 23Page - ATMEL Corporation AT697F Datasheet HTML 24Page - ATMEL Corporation AT697F Datasheet HTML 25Page - ATMEL Corporation AT697F Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 155 page
background image
22
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Traps Description
•
reset - A reset trap is caused by an external reset request. It causes the processor to begin
executing at virtual address 0. After a Reset Trap, no special memory states are defined
exept the bits PSR ET’ and PSR S that are initialized respectively ‘0’ and ‘1’.
•
write error - An error exception occurred on a data store to memory.
•
instruction_access_exception - A blocking error exception occurred on an instruction
access.
•
illegal_instruction - An attempt was made to execute an instruction with an unimplemented
opcode, or an UNIMP instruction, or an instruction that would result in illegal processor
state.
•
privileged_instruction - An attempt was made to execute a privileged instruction while
supervisor bit PSR S is ‘0’ (not in supervisor mode).
•
fp_disabled - An attempt was made to execute an FPU instruction while FPU is not enabled
or not present.
•
cp_disabled - An attempt was made to execute a co-processor instruction while co-
processor is not enabled or not present.
•
watchpoint_detected - An instruction fetch memory address or load/store data memory
address matched the contents of a pre-loaded implementation-dependent “watchpoint”
register.
•
window_overflow - A SAVE instruction attempted to cause the current window pointer
(CWP) to point to an invalid window in the WIM.
•
window_underflow - A RESTORE or RETT instruction attempted to cause the current
window pointer (CWP) to point to an invalid window in the WIM.
•
register_hardware_error - An error exception occurred on a read only register access.
A register file uncorrectable error was detected.
•
mem_address_not_aligned - A load/store instruction would have generated a memory
address that was not properly aligned according to the instruction, or a JMPL or RETT
instruction would have generated a non-word-aligned address.
•
fp_exception - An FPU instruction generated an IEEE_754_exception and its corresponding
trap enable mask (TEM) bit was 1, or the FPU instruction was unimplemented, or the FPU
instruction did not complete, or there was a sequence or hardware error in the FPU. The
type of floating-point exception is encoded in the FSR FTT.
•
data_access_exception - A blocking error exception occurred on a load/store data access.
EDAC uncorrectable error.
•
tag_overflow - A tagged arithmetic instruction was executed, and either arithmetic overflow
occurred or at least one of the tag bits of the operands was non zero.
•
trap_division_by_zero - An integer divide instruction attempted to divide by zero.
•
trap_instruction - A software instruction (Ticc) was executed and the trap condition
evaluated to true.
When multiple synchronous traps occur at the same cycle (i.e hardware errors), the highest pri-
ority trap is taken, and lower priority traps are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com