Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 81Page - ATMEL Corporation AT697F Datasheet HTML 82Page - ATMEL Corporation AT697F Datasheet HTML 83Page - ATMEL Corporation AT697F Datasheet HTML 84Page - ATMEL Corporation AT697F Datasheet HTML 85Page - ATMEL Corporation AT697F Datasheet HTML 86Page - ATMEL Corporation AT697F Datasheet HTML 87Page - ATMEL Corporation AT697F Datasheet HTML 88Page - ATMEL Corporation AT697F Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 155 page
background image
AT697F ADVANCE INFORMATION
85
7703C–AERO–6/09
Memory Interface
Registers
Table 45. Memory Configuration Register 1 - MCFG1
Address = 0x80000000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
r/w r/w r/w
r/w
r/w r/w r/w
r/w
r/w
r/w
r/w r/w
r/w
r/w
r/w
x
0
0
xx
0
0
x
xxx
0
xxx xxxx
0
x
xx
1111
1111
Bit Number
Mnemonic
Description
30
pbrdy
PROM area bus ready enable
if set, a PROM access will be extended until BRDY* is asserted (driven low).
29
abrdy
Asynchronous bus ready
If set, the BRDY* input can be asserted without relation to the sysstem clock, provided it is at least 1.5 clock
cycles long. Termination of the access after assertion of BRDY* will be delayed by at least one clock cycle.
28:27
iowdh[1:0]
I/O bus width.
Defines the data with of the I/O area (“00”=8, “10”=32).
26
iobrdy
IO area bus ready enable
if set to one, an IO access will be extended until BRDY* is asserted (Driven low)
25
bexc
Bus error enable for RAM, PROM and IO transactions.
If set to one, the (low) assertion of the BEXC* will generate an error response on the internal bus and causes a
trap (0x01, 0x09, 0x2B) depending on the type of access.
23:20
iows[3:0]
I/O waitstates.
Defines the number of waitstates during I/O accesses:
“0000” = 0 waitstate,
“0001” = 1 waitstates,
...,
“1111” = 15 waitstates.
19
iop
I/O protection.
‘0’ : Read and write accesses to I/O area are disabled
‘1’ : Read and write accesses to I/O area are enabled.
11
prwen
Prom write enable.
If set, enables write cycles to the prom area.
9:8
prwdh[1:0]
Prom width.
Defines the data with of the prom area:
“00” = 8 bits,
“10” = 32 bits.
7..4
prwws[3:0]
Prom write waitstates.
Defines the number of waitstates during prom write cycles:
“0000” = 0 waitstate,
“0001” = 2 waitstates,
...,
“1111” = 30 waitstates.
3..0
prrws[3:0]
Prom read waitstates.
Defines the number of waitstates during prom read cycles
“0000” = 0 waitstate,
“0001” = 2 waitstates,
...,
“1111” = 30waitstates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com