Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 40Page - ATMEL Corporation AT697F Datasheet HTML 41Page - ATMEL Corporation AT697F Datasheet HTML 42Page - ATMEL Corporation AT697F Datasheet HTML 43Page - ATMEL Corporation AT697F Datasheet HTML 44Page - ATMEL Corporation AT697F Datasheet HTML 45Page - ATMEL Corporation AT697F Datasheet HTML 46Page - ATMEL Corporation AT697F Datasheet HTML 47Page - ATMEL Corporation AT697F Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 155 page
background image
44
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Overview
The AT697F instruction cache is a multi-set cache of 32 kbyte divided in 4 memory sets. Multi-
set-cache use improves speed performance of the core. The instruction cache is divided into
cache lines with 32 bytes of data. Each line has a cache tag associated with it consisting of a tag
field and one valid bit per 4-byte sub-block.
Cache Control
The instruction cache operations are controled with the cache control register (CCR).
Operation
On an instruction cache miss to a cachable location, the instruction is fetched and the corre-
sponding tag and data line updated. The instruction cache always works in one of three modes:
•
disabled,
•
enabled
•
or frozen.
The instruction cache current state is reported in the instruction cache state CCR ICS.
Disabled mode
If disabled, no cache operation is performed and load and store requests are passed directly to
the memory controller.
Enabled mode
If enabled, the cache operates as described above. In the frozen state, the cache is accessed
and kept in synchronisation with the main memory as if it was enabled, but no new lines are allo-
cated on read misses.
Freeze mode
If CCR IF is set logical one, the instruction cache is frozen when an asynchronous interrupt is
taken. This can be beneficial in real-time system to allow a more accurate calculation of worst-
case execution time for a code segment. The execution of the interrupt handler will not evict any
cache lines and when control is returned to the interrupted task, the cache state is identical to
what it was before the interrupt.
If a cache has been frozen by an interrupt, it can only be enabled again by enabling the cache in
the CCR. This is typically done at the end of the interrupt handler before control is returned to
the interrupted task.
Burst fetch
An instruction burst fetch mode can be enabled setting logical one in CCR IB. If the burst fetch
is enabled, the cache line is filled from main memory starting at the missed address and until the
end of the line. At the same time, the instructions are forwarded to the IU. If the IU cannot accept
the streamed instructions due to internal dependencies or multi-cycle instruction, the IU is halted
until the line fill is completed.
If the IU executes a control transfer instruction during the line fill, the line fill will be terminated on
the next fetch. If instruction burst fetch is enabled, instruction streaming is enabled even when
the cache is disabled. In this case, the fetched instructions are only forwarded to the IU and the
cache is not updated.
Cache Flush
Instruction cache can be flushed by executing the FLUSH instruction, setting logical one in
CCR FI, or writing any location with ASI=0x5. The flush operation takes one cycle per line dur-
ing which the IU will is not halted, but during which the cache is disabled. When the flush
operation is completed, the cache will resume the state indicated in the cache control register.
Error reporting
If a memory access error occurs during a line fill with the IU halted, the corresponding valid bit in
the cache tag is not set. If the IU later fetches an instruction from the failed address, a cache
miss will occur, triggering a new access to the failed address.
If the error remains, an instruction access error trap (tt=0x1) is generated.
Instruction Cache
Parity
Error detection of cache tags and data is implemented using two parity bits per tag and per 4-
byte data sub-block. The tag parity is generated from the tag value and the valid bits. The data
parity is derived from the sub-block data. The parity bits are written simultaneously with the
associated tag or sub-block and checked on each access. The two parity bits correspond to the
parity of odd and even data (tag) bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com