Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 36Page - ATMEL Corporation AT697F Datasheet HTML 37Page - ATMEL Corporation AT697F Datasheet HTML 38Page - ATMEL Corporation AT697F Datasheet HTML 39Page - ATMEL Corporation AT697F Datasheet HTML 40Page - ATMEL Corporation AT697F Datasheet HTML 41Page - ATMEL Corporation AT697F Datasheet HTML 42Page - ATMEL Corporation AT697F Datasheet HTML 43Page - ATMEL Corporation AT697F Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 155 page
background image
40
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Error Management
- EDAC
Overview
The AT697F processor implements an on-chip error detector and corrector (EDAC). The on-chip
memory EDAC can correct one error in a 32-bit word and detect two errors in a 32-bit word. The
processor EDAC implemention enables data correction on-the-fly so that no timing penalty
occurs during correction.
EDAC capability
mapping
Data error management with the EDAC can be used on both PROM and RAM memory areas.
The following table presents the EDAC protection capabilities provided by the processor.
Table 16.
Address Range
Area
EDAC Protected
0x00000000 - 0x1FFFFFFF
PROM
8 bits
yes
32 bits
yes
0x20000000 - 0x3FFFFFFF
I/O
All
no
0x40000000 - 0x7FFFFFFF
RAM
8 bits
yes
32 bits
yes
EDAC capability on Memories
PROM protection
Setting logical one the PROM EDAC enable bit MCFG3 PE, the data protection is enabled. For
each read and write transaction to the PROM area the EDAC act as an error detector and an
error corrector. When set logical zero, the EDAC is transparent for the PROM access.
At power-on or at reset, the value of the MCFG3 PE is directly copied from the PIO2 pin. In that
way, it is possible to start the application with the EDAC enabled by driving high PIO2 during the
power-on sequence (or reset sequence).
RAM protection
Setting logical one the RAM EDAC enable bit MCFG3 RE, the data protection is enabled. For
each read and write transaction to the RAM area the EDAC act as an error detector and an error
corrector. When set logical zero, the EDAC is transparent for the RAM access.
Operation
The processor uses an EDAC based on a seven bit Hamming code that detects any double error
on a 32-bit bus and corrects any single error on a 32-bit bus. Note when the EDAC is enabled
the read-modify-write bit MCFG2 RMW must be set.
Hamming code
For each 32-bit data, a seven bit a 7-bit checksum is generated. The equations below show how
the Hamming checkbits (CBx) are generated:
CB0 = D0 ^ D4 ^ D6 ^ D7 ^ D8 ^ D9 ^ D11 ^ D14 ^ D17 ^ D18 ^ D19 ^ D21 ^ D26 ^ D28 ^ D29 ^ D31
CB1 = D0 ^ D1 ^ D2 ^ D4 ^ D6 ^ D8 ^ D10 ^ D12 ^ D16 ^ D17 ^ D18 ^ D20 ^ D22 ^ D24 ^ D26 ^ D28
CB2 = D0 ^ D3 ^ D4 ^ D7 ^ D9 ^ D10 ^ D13 ^ D15 ^ D16 ^ D19 ^ D20 ^ D23 ^ D25 ^ D26 ^ D29 ^ D31
CB3 = D0 ^ D1 ^ D5 ^ D6 ^ D7 ^ D11 ^ D12 ^ D13 ^ D16 ^ D17 ^ D21 ^ D22 ^ D23 ^ D27 ^ D28 ^ D29
CB4 = D2 ^ D3 ^ D4 ^ D5 ^ D6 ^ D7 ^ D14 ^ D15 ^ D18 ^ D19 ^ D20 ^ D21 ^ D22 ^ D23 ^ D30 ^ D31
CB5 = D8 ^ D9 ^ D10 ^ D11 ^ D12 ^ D13 ^ D14 ^ D15 ^ D24 ^ D25 ^ D26 ^ D27 ^ D28 ^ D29 ^ D30 ^ D31
CB6 = D0 ^ D1 ^ D2 ^ D3 ^ D4 ^ D5 ^ D6 ^ D7 ^ D24 ^ D25 ^ D26 ^ D27 ^ D28 ^ D29 ^ D30 ^ D31
Write operation
When the processor performs a write operation to a memory protected by the EDAC, it also out-
puts the seven bit checksum on the CB[6:0] pins.
Read operation
During a read operation from a protected memory, the seven bit checksum is sampled from the
CB[6:0] inputs. Then, the EDAC verify the checksum to check the presence of an error.
According to the checksum equations, the EDAC calculates its own checksum. Then a syn-
drome generator uses the calculated and the read checksum to qualify if there is no error, one
error or two errors in the read word.
Correctable error
If a single error is detected, this leads to a correctable error. The correction is done on-the-fly
during the current access and no timing penalty is induced but the corrected data is not automat-
ically written back to the memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com