Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 82Page - ATMEL Corporation AT697F Datasheet HTML 83Page - ATMEL Corporation AT697F Datasheet HTML 84Page - ATMEL Corporation AT697F Datasheet HTML 85Page - ATMEL Corporation AT697F Datasheet HTML 86Page - ATMEL Corporation AT697F Datasheet HTML 87Page - ATMEL Corporation AT697F Datasheet HTML 88Page - ATMEL Corporation AT697F Datasheet HTML 89Page - ATMEL Corporation AT697F Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 155 page
background image
86
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Note:
The prom bank size is coded in the same way as the ram bank size in MCFG2. The prom bank
size is used when an 8-bit prom is used with EDAC enabled - the last 25% of the prom bank is
used to store the EDAC checksums and cannot be used to store instructions or data.
During power-up, the prom width (bits [9:8]) are set with value on PIO[1:0] inputs. The prom
waitstates fields are set to 15 (maximum) and prom bank size is set to “0000”. External bus error
and bus ready are disabled. All other fields are undefined.
Table 46. Memory Configuration Register 2 - MCFG2
Address = 0x80000004
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
r/w r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w r/w
r/w
r/w r/w r/w
r/w
r/w
r/w
0
1
111
1
000
10
00
xxxx
0
0
xxxx
x
x
x
xx
xx
xx
Bit Number
Mnemonic
Description
31
sdrref
SDRAM refresh.
If set, the SDRAM refresh will be enabled.
30
trp
SDRAM t
RP timing.
tRP will be equal to 2 or 3 system clocks (0/1).
29..27
trfc[2:0]
SDRAM t
RFC timing.
tRF will be equal to 3 + field-value system clocks.
26
sdrcas
SDRAM CAS delay.
Selects 2 or 3 cycle CAS delay (0/1). When changed, a LOAD-COMMAND-REGISTER command must be
issued at the same time. Also sets RAS/CAS delay (tRCD).
25..23
sdrbs[2:0]
SDRAM banks size.
Defines the banks size for SDRAM chip selects:
“000” = 4 Mbyte,
“001” = 8 Mbyte,
“010” = 16 Mbyte,
...,
“111”=512 Mbyte.
22..21
sdrcls[1:0]
SDRAM column size.
“00” = 256 when sdrbs = “111”,
“01” = 512 when sdrbs = “111”,
“10” = 1024 when sdrbs = “111”,
“11” = 4096 when sdrbs = “111”,
= 2048 otherwise.
20..19
sdrcmd[1:0]
SDRAM command.
Writing a non-zero value will generate an SDRAM command:
“01” = PRECHARGE,
“10” = AUTO-REFRESH,
“11” = LOAD-COMMAND-REGISTER.
The field is reset after command has been executed.
14
se
SDRAM enable.
If set, the SDRAM controller will be enabled.
13
si
SRAM disable.
If set together with bit 14 (SDRAM enable), the static ram access will be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com