Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 28Page - ATMEL Corporation AT697F Datasheet HTML 29Page - ATMEL Corporation AT697F Datasheet HTML 30Page - ATMEL Corporation AT697F Datasheet HTML 31Page - ATMEL Corporation AT697F Datasheet HTML 32Page - ATMEL Corporation AT697F Datasheet HTML 33Page - ATMEL Corporation AT697F Datasheet HTML 34Page - ATMEL Corporation AT697F Datasheet HTML 35Page - ATMEL Corporation AT697F Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 155 page
background image
32
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
To detect if the written address is part of a protected segment (or block), address bit 29 down to
bit 2 are Xored with the WPRx TAG. This operation is based on the following segmentation of
an address.
Table 14.
bit num. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
field
area
most significant byte
32Kbyte protected block
Address Segmentation
With such segmentation, memory block in the range of 32Kbyte up to 1Gbyte can be protected.
The result of the Xor is then Anded WPRx MASK.
If the result is zero, this indicates that address specified is in the protected range. If result is dif-
ferent from zero, address is out of the protected address range. If a write protection error is
detected, the write transaction is stopped. Then, a memory access error is generated. Trap
0x2B is generated
Figure 16. RAM Write Protection Overview
Write Protection Reg.
WRPn
15
15
15
15
Trap 0x2B
EN
logic
Protection Priorities
As a result of the write protection implementation for the RAM area,the two RAM write protection
schemes can be used simultaneously. Combining the write protection schemes leads to the fol-
lowing behaviors :
•
If all the enable protection units are configured in block protect mode (BP = 0), then a write
protect error is generated when any of the units signal a write protection hit. In this mode, if
at least one protection error is triggered, the write protection trap is raised.
•
If at least one of the protection units operates in segment mode (BP=1), then a write protect
error is generated
only if all units configured in segment mode signal a protection error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com