Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 66Page - ATMEL Corporation AT697F Datasheet HTML 67Page - ATMEL Corporation AT697F Datasheet HTML 68Page - ATMEL Corporation AT697F Datasheet HTML 69Page - ATMEL Corporation AT697F Datasheet HTML 70Page - ATMEL Corporation AT697F Datasheet HTML 71Page - ATMEL Corporation AT697F Datasheet HTML 72Page - ATMEL Corporation AT697F Datasheet HTML 73Page - ATMEL Corporation AT697F Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 155 page
background image
70
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
It is used to test connections between components at board level. Components output pins are
controlled by boundary scan register during Capture DR on the rising edge of TCK.
SAMPLE/PRELOAD
This instruction is binary coded "001"
It is used to get a snapshot of the normal operation by sampling I/O states during Capture DR on
the rising edge of TCK. It allows also to preload a value on the output latches during Update DR
on falling edge of TCK. It do not modify system behaviour.
IDCODE
This instruction is binary coded "111"
Value of the IDCODE is loaded during Capture DR.
Test Data
Registers
The following data registers are supported in the AT697 TAP:
Bypass Register
Bypass register containing a single shift register stage is connected between TDI and TDO.
Figure 45. Bypass Register Cell
D
from TDI
to TDO
Clock DR
Shift DR
&
Device ID register
Device ID register is a read only 32-bit register.
It is connected between TDI and TDO.
Figure 46. Device ID Register
Vers.
Part ID
Manufacturer’s ID
Const.
0
1
11
12
27
28
31
0001
1011 . 0110 . 0100 . 0101
000 . 0101 . 1000
1
ID. register value: 0x 1b64 50b1
Field Definitions:
[31:28]: Vers - Version number - 0x1
[27:12]: Part ID - Represent part number as assigned by Vendor- 0x b645
[11:01]: Manufacturer’s ID - Represent manufacturer’s ID as per JEDEC - 0x 058
[0]: Const - Constant tied to logic ’1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com