Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 32Page - ATMEL Corporation AT697F Datasheet HTML 33Page - ATMEL Corporation AT697F Datasheet HTML 34Page - ATMEL Corporation AT697F Datasheet HTML 35Page - ATMEL Corporation AT697F Datasheet HTML 36Page - ATMEL Corporation AT697F Datasheet HTML 37Page - ATMEL Corporation AT697F Datasheet HTML 38Page - ATMEL Corporation AT697F Datasheet HTML 39Page - ATMEL Corporation AT697F Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 155 page
background image
36
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
during a PROM read access. Setting MCFG1
PRWWS defines the number of waitstates to
insert during a PROM write.
MCFG1 PRRWS and MCFG1 PRWWS can be programmed to take values from 0 up to 15.
The effective number of waitstates applied during an access is then twice the programmed
value. In that way, programming two waitstates results in the insertion of four wait cycles during
the access.
Figure 20. ROM read access with PRRWS=1 (two programmed waitstate
data2
waitstate
D1
lead-out
A1
CLK
A
ROMS*
D
OE*
data1
waitstate
s)
If the application needs more time for ROM transfer, it is possible to introduce more delay by
activating the hardware bus ready MCFG1 PBRDY. Refer to paragraph “BRDY Wait states”,
page 38.
After a reset operation of the processor (or at power up), the MCFG1
PRRWS and
MCFG1 PRWWS waitstates for the PROM area are set default to 15, resulting in 30 effective
waitstates and the MCFG1 PBRDY is set to 0.
Write Protection
Write protection is provided to prevent accidental over-writing to PROM area. It is controlled
through the PROM write enable bit MCFG1
PRWE. When set 1, this bit enables write to
PROM. When set 0, no PROM write transaction is available.
Bus width
To support applications with low memory and performance requirements, the PROM area can
be configured for 8-bit operations. The configuration of PROM in 8-bit mode is done program-
ming MCFG1 PRWDH.
When the PROM bus is configured as an 8-bit wide bus, data 31 downto 24 shall be used as
interface.
Figure 21.
CS
OE
WE
A
D
PROM
OE*
AD
AT697F
A[27:0]
D[31:24]
D[31:24]
A[27:0]
WRITE*
ROMS0*
PROM 8-bit bus width connection
Since access to memory is always done on 32-bit word basis, read access to 8-bit memory will
be transformed in a burst of four read transactions. If EDAC protection is active, 5 read cycles
are necessary to complete the access (please refer to protection section for more details). Dur-
ing write operation, only the necessary bytes are writen.
Access Error
An access error can be indicated to the processor asserting the BEXC* signal. If enabled by set-
ting logical one to MCFG1 BEXC , the BEXC* signal is sampled with the data.
•
Trap 0x01 is taken if an instruction fetch is in progress
•
Trap 0x09 is taken if a data space is in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com