Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 1 Page - ATMEL Corporation

  AT697F Datasheet HTML 1Page - ATMEL Corporation AT697F Datasheet HTML 2Page - ATMEL Corporation AT697F Datasheet HTML 3Page - ATMEL Corporation AT697F Datasheet HTML 4Page - ATMEL Corporation AT697F Datasheet HTML 5Page - ATMEL Corporation AT697F Datasheet HTML 6Page - ATMEL Corporation AT697F Datasheet HTML 7Page - ATMEL Corporation AT697F Datasheet HTML 8Page - ATMEL Corporation AT697F Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
Features
SPARC V8 High Performance Low-power 32-bit Architecture
– 8 Register Windows
Advanced Architecture:
– On-chip Amba Bus
– 5 Stage Pipeline
– 16 kbyte Multi-sets Data Cache
– 32 kbyte Multi-sets Instruction Cache
On-chip Peripherals:
– Memory Interface
PROM Controller
SRAM Controller
SDRAM Controller
–Timers
Two32-bit Timers
Watchdog 32-bitTimer
– Two 8-bit UARTs
– Interrupt Controller with 8 External Programmable Inputs
– 32 Parallel I/O Interface
– 33MHz PCI Interface Compliant with 2.2 PCI Specification
Integrated 32/64-bit IEEE 754 Floating-point Unit
Fault Tolerance by Design
– Full Triple Modular Redundancy (TMR)
– EDAC Protection
– Parity Protection
Debug and Test Facilities
– Debug Support Unit (DSU) for Trace and Debug
– IEEE 1149.1 JTAG Interface
– Four Hardware Watchpoints
8 and 40-bit boot-PROM Interface Possibilities
Operating range
–Voltages
3.3V +/- 0.30V for I/O
1.8V +/- 0.15V for Core
– Temperature
-55°C to 125°C
Clock: 0MHz up to 100MHz
Power consumption: 1W at 100MHz
Performance:
– 86MIPS (Dhrystone 2.1)
– 23MFLOPS (Whetstone)
Radiation Performance
– Tested up to a total dose of 300Krads (Si) according to the MIL-STD883 method
1019
– SEU error rate better than 1 E-5 error/device/day
– No Single Event Latchup below a LET threshold of 70 MeV.cm²/mg
Package MCGA349 and MQFPF256
Mass: 9g
Development Kit Including
– AT697F Evaluation Board
–AT697F Sample
Rad-Hard 32 bit
SPARC V8
Processor
AT697F
Advance
Information
7703C–AERO–6/09


Similar Part No. - AT697F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
SPARC V8 High Performance Low-power 32-bit Architecture
More results

Similar Description - AT697F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F Datasheet
2Mb / 42P
Rad-Hard 32-bit SPARC Embedded Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
Rad-Hard 32 bit SPARC V8 Processor
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
Rad-Hard 32-bit SPARC Embedded Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
Rad-Hard 32 bit SPARC V8 Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
Rad-Hard 32 bit SPARC V8 Processor
logo
Aeroflex Circuit Techno...
GR712RC AEROFLEX-GR712RC Datasheet
838Kb / 48P
Dual-Core LEON3-FT SPARC V8 Processor
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
7Mb / 7P
SPARC V8 High Performance Low-power 32-bit Architecture
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
Rad-Hard 32-bit SPARC v8 Processor
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
SPARC V8 High Performance Low-power 32-bit Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com