Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 27Page - ATMEL Corporation AT697F Datasheet HTML 28Page - ATMEL Corporation AT697F Datasheet HTML 29Page - ATMEL Corporation AT697F Datasheet HTML 30Page - ATMEL Corporation AT697F Datasheet HTML 31Page - ATMEL Corporation AT697F Datasheet HTML 32Page - ATMEL Corporation AT697F Datasheet HTML 33Page - ATMEL Corporation AT697F Datasheet HTML 34Page - ATMEL Corporation AT697F Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 155 page
background image
AT697F ADVANCE INFORMATION
31
7703C–AERO–6/09
Figure 14. RAM Protection Mode Overview
Segment 2
Segment 1
Segment 2
Segment mode (bp = 0)
Write
trap
Block mode (bp = 1)
RAM
RAM
Segment 1
Write
trap
Write
trap
Write
trap
Write
trap
START1
END1
START2
END2
START1
END1
START2
END2
Mask Scheme
Two block protection units are available for RAM area. Each one is controlled through a
write protection register (WPRn). Two major fields are defined : a TAG and a MASK.
•
The TAG defines the 15 most significant bits of the address of the block to be write protected.
•
The Mask specifies which bits of the TAG are really relevant for the protection.
The write protection on the RAM area is enabled setting logical one in WPRx EN. If this bit is
set logical zero, no protection is activated.
Two protection modes can be programmed. If the WPRx BP is set logical one the protection is
active within the segment. If this bit is set logical zero, the exterior of the segment is protected.
Figure 15. RAM Protection Mode Overview
Segment 2
Segment 1
Segment 2
Segment mode (bp = 0)
Write
trap
Block mode (bp = 1)
RAM
RAM
Segment 1
Write
trap
Write
trap
Write
trap
Write
trap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com