Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 7Page - ATMEL Corporation AT697F Datasheet HTML 8Page - ATMEL Corporation AT697F Datasheet HTML 9Page - ATMEL Corporation AT697F Datasheet HTML 10Page - ATMEL Corporation AT697F Datasheet HTML 11Page - ATMEL Corporation AT697F Datasheet HTML 12Page - ATMEL Corporation AT697F Datasheet HTML 13Page - ATMEL Corporation AT697F Datasheet HTML 14Page - ATMEL Corporation AT697F Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 155 page
background image
11
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
This active low output is the chip-select signal for the memory mapped I/O area.
SDRAM Interface
SDCLK - SDRAM clock (output)
SDRAM clock provides the SDRAM interface clock reference.
SDCAS* - SDRAM column address strobe (output)
This active low signal provides a common CAS for all SDRAM devices.
SDCS*[1:0] - SDRAM chip select (output)
These active low outputs provide the chip select signals for the two SDRAM banks.
SDDQM[3:0] - SDRAM data mask (output)
These active low outputs provide the DQM signals for both SDRAM banks.
SDRAS*- SDRAM row address strobe (output)
This active low signal provides a common RAS for all SDRAM devices.
SDWE* - SDRAM write strobe (output)
This active low signal provides a common write strobe for all SDRAM devices.
System Signals
CLK - Processor clock (input)
The CLK input provides the main processor clock reference.
RESET* - Processor reset (input)
When asserted, this active low input will reset the processor and all on-chip peripherals.
WDOG* - Watchdog time-out (open-drain output)
This active low output is asserted when the watchdog expires.
BEXC* - Bus exception (input)
This active low input is sampled simultaneously with the data during accesses on the memory
bus. If asserted, a memory error will be generated.
ERROR* - Processor error (open-drain output)
This active low output is asserted when the processor has entered error state and is halted. This
happens when traps are disabled and a synchronous (un-maskable) trap occurs.
PIO[15:0] - Parallel I/O port (bi-directional)
These bi-directional signals can be used as inputs or outputs to control external devices.
BYPASS - PLL bypass (input)
When driven to VCC, this active high input set the PLL in bypass mode. The device is then
directly clocked by the external clock. When grounded, the device is clocked through the PLL.
SKEW[1:0] - Clock tree skew (input)
These input signals configurate the programmable skew on the triplicated clock trees.
LOCK - PLL lock (output)
This active high output is asserted when the PLL output (internal node) is locked at the fre-
quency corresponding to four times the input command.
DSU Signals
DSUACT - DSU active (output)
This active high output is asserted when the processor is in debug mode and controlled by the
DSU.
DSUBRE - DSU break enable (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com