Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 37Page - ATMEL Corporation AT697F Datasheet HTML 38Page - ATMEL Corporation AT697F Datasheet HTML 39Page - ATMEL Corporation AT697F Datasheet HTML 40Page - ATMEL Corporation AT697F Datasheet HTML 41Page - ATMEL Corporation AT697F Datasheet HTML 42Page - ATMEL Corporation AT697F Datasheet HTML 43Page - ATMEL Corporation AT697F Datasheet HTML 44Page - ATMEL Corporation AT697F Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 155 page
background image
AT697F ADVANCE INFORMATION
41
7703C–AERO–6/09
The correctable error detection event is reported in the fail address register (FAILAR) and in the
fail status register (FAILSR). If unmasked, interrupt 1 (trap 0x11) is generated. The interrupt can
then be attached to a low priority interrupt handler that scrubs the failing memory location.
Uncorrectable error
If a double error is detected, this leads to an un-correctable error. An un-correctable error detec-
tion during a data access leads to a data access exception (trap 0x09). In case the double error
is detected during instruction fetch, it leads to an instruction access error (trap 0x01).
Figure 27.
Memory Configuration Reg.
MCFG3
CB[7:0]
EDAC
Fail Address Reg.
FAILAR
Fail Status Reg.
FAILSR
EDAC overview
EDAC on 8-bit areas
The 8-bit mode applies to RAM and PROM while SDRAM always uses 32-bit accesses.
When a memory area is configured in 8-bit mode, the EDAC checkbit bus (CB[7:0]) is not used
but it is still possible to use EDAC protection.
The data bus mapped on D31:24 is always accessed in a 32-bit wide word basis (4bytes at a
time). The corresponding checkbits are located on top of the selected memory
bank according to the following operation:
•
The address A[27:2] of the 32-bit data word is inverted
•
The resulting address is then shifted twice right to become a byte address
•
The checkbit is written to the derived byte address while the data address chipselect is kept
active so that the current memory area is still active.
A word written as four bytes to addresses 0, 1, 2, 3 will have its checkbits at address
0x0FFFFFFF, addresses 4, 5, 6, 7 at 0x0FFFFFFE and so on.
Here is an example of checkbit addressing:
•
The data is written at address 0x00000004
•
Inversion of this address lids to 0xFFFFFFFB
•
Once shifted we have 0xFFFFFFFE
•
The checkbit is located at address 0xFFFFFFFE in the same memory bank as the data.
All the bits up to the maximum bank size will be inverted while the same chip-select is always
asserted.
This way all the bank size can be supported and no memory will be unused (except for a maxi-
mum of 4 Bytes in the gap between the data and checkbit area).
Here is an overview of the memory organization when EDAC is enbled on a 8-bit area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com