Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 64Page - ATMEL Corporation AT697F Datasheet HTML 65Page - ATMEL Corporation AT697F Datasheet HTML 66Page - ATMEL Corporation AT697F Datasheet HTML 67Page - ATMEL Corporation AT697F Datasheet HTML 68Page - ATMEL Corporation AT697F Datasheet HTML 69Page - ATMEL Corporation AT697F Datasheet HTML 70Page - ATMEL Corporation AT697F Datasheet HTML 71Page - ATMEL Corporation AT697F Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 155 page
background image
68
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
TAP Architecture
The TAP implemented in the AT697 consists of a TAP interface, a TAP controller, plus a number
of shift registers including an instruction register (IR) and some registers .
Figure 43. AT697 TAP Architecture
TCK
Reset
TRST
TAP
TAP
Controller
TDO
TDI
TMS
TCK
Clock DR
Shift DR
Update DR
Clock IR
Shift IR
Update IR
EN
∇
EN
∇
D
Q
0
1
. . . .
. . . .
Select
Ena TDO
Design-Specific Data
Mux
. . . .
. . . . . . . . .
Test
Data Registers
Instruction Decode
Instruction Register
Bypass Register
Boundary Scan Register
Device ID Register
TAP Controller
The TAP controller is a synchronous finite state machine (FSM) which controls the sequence of
operations of the JTAG test circuitry, in response to changes at the JTAG bus. (Specifically, in
response to changes at the TMS input with respect to the TCK input.)
The TAP controller FSM implements the state (16 states) diagram as detailed in the following
diagram. The IR is a 3-bit register which allows a test instruction to be shifted into the AT697.
The instruction selects the test to be performed and the test data register to be accessed.
Although any number of loops may be supported by the TAP, the finite state machine in the TAP
controller only distinguishes between the IR and a DR. The specific DR can be decoded from the
instruction in the IR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com