Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 52Page - ATMEL Corporation AT697F Datasheet HTML 53Page - ATMEL Corporation AT697F Datasheet HTML 54Page - ATMEL Corporation AT697F Datasheet HTML 55Page - ATMEL Corporation AT697F Datasheet HTML 56Page - ATMEL Corporation AT697F Datasheet HTML 57Page - ATMEL Corporation AT697F Datasheet HTML 58Page - ATMEL Corporation AT697F Datasheet HTML 59Page - ATMEL Corporation AT697F Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 155 page
background image
56
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Target Mode
Transfer
In the target mode, the PCI interface receives requests originated from remote PCI initiators
(masters). Target data transfer is executed in background without AT697 core intervention.
AT697 core can only intervenes is the configuration of the target.
•
In host bridge mode the target is configured by the AT697 core
•
In satellite mode the configuration is done by a remote device using the PCI command set
Target Programming
The target is configured through the following registers :
•
PCISC register
bits 0/1 for memory and I/O command response
bit 6 for check of data and address parity error
bit 7 for response to data and address parity error
•
base address registers
memory base address : MEMBAR1, MEMBAR2
I/O base address : IOBAR
•
PCITPA register to indicate the storage location
•PCITSC FRTY bit to write data in memory
transaction Ordering
As specified in the PCI standard, delayed read functionality is implemented, obeying to the fol-
lowing rules:
•
The interface stores one delayed read at a time. When a read request was retried (because
local data not yet available), the interface remains locked for any other target read (targeting
different addresses). The initiator of the original read has to repeat its request to the same
address.
•
A retried (delayed) read can be interrupted by one or more PCI write accesses. The PCI
standard requires this write command to be processed first, to prevent a system lock-up.
•
Meanwhile, the interface will prefetch read-data into the TXMT FIFO. After the (interfering)
write, when the read request is repeated, and the requested data is available in the FIFO the
delayed transfer completes normally.
All target read accesses are generally prefetching, also reads with I/O command. Once a start
address is given, the interface prefetches up to 8 words into the TXMT FIFO. After the last
required data word was transferred to PCI, the PCI core automatically flushes the FIFO to dis-
card the unused prefetched data. The interface assumes the complete local address space to be
‘prefetchable’, defined here as the fact, that reading from an address does not alter the data.
This behaviour is to be considered if non-prefetchable devices (for example the UART’s) shall
be read
through the PCI target.
PCI Error
Reporting
According to the PCI standard, error and status bits are implemented in the PCI status regis-
ter.(PCISC). The PCI standard foresees a single parity check, by which bus-errors can be
detected, but not corrected. Errors which occur in the PCI interface or on the PCI bus are also
saved in status bits in the PCIITP register, and optionally, the PCI interrupt (IRQ14) is asserted.
Different events can be selected to assert the interrupt. By the interrupt enable register (PCIITE)
configuration you can select the interrupt events which will assert IRQ14. then an interrupt han-
dler can read the interrupting event in the status register (PCIITP).
Furthermore, interrupts can be forced for test purposes by writing to PCIITF.
In host-bridge configuration, this allows an error detection by polling. Certain events and errors
are also reported by the interface in the interrupt status register. For each bit of this register ,
interrupt generation can be programmed individualy. All PCI interrupt generated are then
reported to AT697 core through the PCI interrupt (IT14). The different interrupt causes are distin-
guished by the interrupt status registers settings.
Please refer to the register description chapter for more details on interrupt status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com