Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 20Page - ATMEL Corporation AT697F Datasheet HTML 21Page - ATMEL Corporation AT697F Datasheet HTML 22Page - ATMEL Corporation AT697F Datasheet HTML 23Page - ATMEL Corporation AT697F Datasheet HTML 24Page - ATMEL Corporation AT697F Datasheet HTML 25Page - ATMEL Corporation AT697F Datasheet HTML 26Page - ATMEL Corporation AT697F Datasheet HTML 27Page - ATMEL Corporation AT697F Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 155 page
background image
24
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Non Maskable
Interrupt (NMI)
The AT697F handles interrupt 15 (trap type TT = 0x1F). This interrupt can not be masked by the inte-
ger unit of the processor. It shall be used with care as the NMI of the processor.
I/O interrupts
As an alternate function of the general purpose interface, the AT697F allows to input interrupt
from external devices. Up to eight external interrupts can be programmed at the same time. The
external interrupts are assigned to interrupt 4, 5, 6, 7,10, 12, 13 and 15.
Two registers are defined for configuration of the IO interrupts :
•
IOIT1 register is used for control of IO interrupt 0, 1, 2 and 3
•
IOIT2 register is used for control of IO interrupt 4, 5, 6 and 7
Each I/O interrupt is controlled through four fields in one of the above register (IOITx) : ENx,
LEx, PLx and ISELx.
An I/O interrupt is enabled setting logical one to IOITx ENx . Setting this bit logical zero dis-
ables the interrupt. The IOITx ISELx defines which port of the general purpose interface should
generate I/O interrupt x. The port can be selected from within PIO[15:0] and D[15:0]*.
Each I/O interrupt can have its trigger mode and its polarity individually configured. When bit
IOITx LEx is set logical one, the corresponding I/O interrupt is edge triggered. If the polarity bit
IOITx PLx is driven logical one the interrupt triggers when a rising edge is applied on the pin. If
the polarity bit is driven logical zero the interrupt triggers when a falling edge is applied on the
pin.
When the bit IOITx LEx is set logical zero, the corresponding I/O interrupt is level sensitive. If
the polarity bit IOITx PLx is driven logical one the interrupt triggers when a high level is applied
on the pin. If the polarity bit is driven logical zero the interrupt triggers when a low level is applied
on the pin.
The following table summarizes the I/O interrupt configurations.
Table 10.
LEx
PLx
Trigger
0
0
low level
0
1
high level
1
0
falling edge
1
1
rising edge
I/O Interrupt Configuration
2
0x12
UART 2
1
0x11
Internal bus error
Interrupt
TT (Trap Type)
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com