Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 9Page - ATMEL Corporation AT697F Datasheet HTML 10Page - ATMEL Corporation AT697F Datasheet HTML 11Page - ATMEL Corporation AT697F Datasheet HTML 12Page - ATMEL Corporation AT697F Datasheet HTML 13Page - ATMEL Corporation AT697F Datasheet HTML 14Page - ATMEL Corporation AT697F Datasheet HTML 15Page - ATMEL Corporation AT697F Datasheet HTML 16Page - ATMEL Corporation AT697F Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
13
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
PCI interface
A/D[31:0] - PCI Address Data (bi-directional)
Address and Data are multiplexed on the same PCI pins.
During the address phase, A/D[31::00] contain a physical address (32 bits). For I/O, this is a byte
address; for configuration and memory, it is a DWORD address. During data phases,
A/D[07::00] contain the least significant byte and A/D[31::24] contain the most significant byte.
C/BE[3:0]* - PCI Bus Command and Byte Enables (bi-directional)
During the address phase of a transaction, C/BE[3::0]* define the bus command. During the data
phase, C/BE[3::0]* are used as Byte Enables. The Byte Enables are valid for the entire data
phase.
PAR - Parity (bi-directional)
The number of "1"s on A/D[31::00], C/BE[3::0]*, and PAR equals an even number
FRAME* - Cycle Frame (bi-directional)
It is driven by the current master to indicate the beginning and duration of an access. FRAME* is
asserted to indicate a bus transaction is beginning. While FRAME* is asserted, data transfers
continue. When FRAME* is deasserted, the transaction is in the final data phase or has
completed.
IRDY* - Initiator Ready (bi-directional)
IRDY* indicates the initiating agent’s ability to complete the current data phase of the transac-
tion. IRDY* is used in conjunction with TRDY*. During a write, IRDY* indicates that valid data is
present on A/D[31::00]. During a read, it indicates the master is prepared to accept data.
TRDY* - Target Ready (bi-directional)
TRDY* indicates the target agent’s (selected device’s) ability to complete the current data phase
of the transaction. TRDY* is used in conjunction with IRDY*. During a read, TRDY* indicates that
valid data is present on AD[31::00]. During a write, it indicates the target is prepared to accept
data.
STOP* - Stop (bi-directional)
STOP* indicates the current target is requesting the master to stop the current transaction.
PCI_LOCK* - Lock (bi-directional)
PCI_LOCK* indicates an atomic operation to a bridge that may require multiple transactions to
complete.
IDSEL - Initialization Device Select (input)
Initialization Device Select is used as a chip select during configuration read and write
transactions.
DEVSEL* - Device Select (bi-directional)
When actively driven, indicates the driving device has decoded its address as the target of the
current access. As an input, DEVSEL* indicates whether any device on the bus has been
selected.
REQ* - PCI bus request (output)
REQ* indicates to the arbiter that this agent desires use of the bus. This is a point-to-point sig-
nal. Every master has its own REQ* which must be tri-stated while RST* is asserted.
GNT* - PCI Bus Grant (input)
GNT* indicates to the agent that access to the bus has been granted. This is a point-to-point sig-
nal. Every master has its own GNT* which must be ignored while RST* is asserted.
PCI_CLK - PCI clock (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com