Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 41Page - ATMEL Corporation AT697F Datasheet HTML 42Page - ATMEL Corporation AT697F Datasheet HTML 43Page - ATMEL Corporation AT697F Datasheet HTML 44Page - ATMEL Corporation AT697F Datasheet HTML 45Page - ATMEL Corporation AT697F Datasheet HTML 46Page - ATMEL Corporation AT697F Datasheet HTML 47Page - ATMEL Corporation AT697F Datasheet HTML 48Page - ATMEL Corporation AT697F Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 155 page
background image
AT697F ADVANCE INFORMATION
45
7703C–AERO–6/09
If a tag parity error is detected during a cache access, a cache miss is generated. The tag and
the data are automatically updated. All valid bits except the one corresponding to the newly
loaded data are cleared. Each error is reported in the instruction cache tag error counter from
the CCR. The instruction cache tag error counter CCR ITE is incremented after each instruc-
tion cache tag error detection.
If a data sub-block parity error occurs, a miss is also generated but only the failed sub-block is
updated with data from main memory. Each error is reported in the instruction cache data error
counter from the CCR. The instruction cache data error counter CCR IDE is incremented after
each instruction cache data error detection.
Data Cache
Overview
The AT697F data cache is a multi-set cache of 16 kbyte divided in 2 memory sets. Multi-set-
cache use improves speed performance. The data cache is divided into cache lines with 16
bytes of data. Each line has a cache tag associated with it consisting of a tag field and one valid
bit per 4-byte sub-block.
Cache Control
The instruction cache operations are controled with the cache control register (CCR).
Operation
Write
The write policy for stores is write-through with no-allocate on write-miss. The write buffer (WRB)
consists of three 32-bit registers used to temporarily hold store data until it is sent to the destina-
tion device. For half-word or byte stores, the stored data replicated into proper byte alignment for
writing to a word-addressed device, before being loaded into one of the WRB registers.
The WRB is emptied prior to a load-miss cache-fill sequence to avoid any stale data from being
read in to the data cache.
Read
On a data cache read-miss to a cachable location, 4 bytes of data are loaded into the cache
from main memory.
Cache Flush
Data cache can be flushed by executing the FLUSH instruction, setting logical one in CCR FD
in the cache control register, or writing any location with ASI=0x6. The flush operation takes one
cycle per line during which the IU will is not halted, but during which the cache is disabled. When
the flush operation is completed, the cache will resume the state indicated in the cache control
register.
Error Reporting
Since the processor executes in parallel with the write buffer, a write error will not cause an
exception to the store instruction. Depending on memory and cache activity, the write transac-
tion may not occur until several clock cycles after the store instructions has completed. If a write
error occurs, the currently executing instruction will take trap 0x2B.
Note:
the 0x2B trap handler should flush the data cache, since a write hit would update the cache while
the memory would keep the old value due the write error.
If a memory access error occurs during a data load, the corresponding valid bit in the cache tag
will not be set. and a data access error trap (tt=0x09) is generated.
Data Cache Parity
Error detection of cache tags and data is implemented using two parity bits per tag and per 4-
byte data sub-block. The tag parity is generated from the tag value and the valid bits. The data
parity is derived from the sub-block data. The parity bits are written simultaneously with the
associated tag or sub-block and checked on each access. The two parity bits correspond to the
parity of odd and even data (tag) bits.
If a tag parity error is detected during a cache access, a cache miss is generated. The tag and
the data are automatically updated. All valid bits except the one corresponding to the newly
loaded data are cleared. Each error is reported in the instruction cache tag error counter from
the CCR. CCR DTE is incremented after each data cache tag error detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com