Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 6Page - ATMEL Corporation AT697F Datasheet HTML 7Page - ATMEL Corporation AT697F Datasheet HTML 8Page - ATMEL Corporation AT697F Datasheet HTML 9Page - ATMEL Corporation AT697F Datasheet HTML 10Page - ATMEL Corporation AT697F Datasheet HTML 11Page - ATMEL Corporation AT697F Datasheet HTML 12Page - ATMEL Corporation AT697F Datasheet HTML 13Page - ATMEL Corporation AT697F Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 155 page
background image
10
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Pin Description
ATMEL Convention
‘*’ attached to a signal (e.g OE*) designate an active-low signal.
When a bit of a register is writen in C-like style (e.g MCFG2 RAMWWS) it must be read as the
RAMWWS bit in the register MCFG2.
IU and FPU Signals
A[27:0] - Address bus (output)
A[27:0] bus carries the addresses during accesses to external memory. When access to cache
memory is performed, the address of the last external memory access remains driven on the
address bus.
D[31:0] - Data bus (bi-directional)
D[31:0] bus carries the data during accesses to memory. The processor automatically config-
ures the bus as output and drive the lines during write transactions.
During accesses to 8-bit areas, only D[31:24] are used.
CB[7:0] - Check bits (bi-directional)
CB[6:0] bus carries the EDAC checkbits during memory accesses. CB[7]
(1) takes the value of
tcb[7] in the error control register. Processor only drives CB[7:0] during write transactions to
areas programmed to be EDAC protected.
Note:
1. CB[7] is implemented to enable programming of flash memories. When only 7 bits are useful
for EDAC protection, 8 are needed for programming.
Memory Interface
Signals
General management
OE* - Output enable (output)
This active low output is asserted during read transactions on the memory bus.
BRDY* - Bus ready (input)
When driven low, this input indicates to the processor that the current memory access can be
terminated on the next rising clock edge. When driven high, this input indicates to the processor
that it must wait and not end the current access.
READ - Read transaction (output)
This active high output is asserted during read transactions on the memory bus.
WRITE* - Write enable (output)
This active low output provides a write strobe during write transactions on the memory bus.
PROM
ROMS*[1:0] - PROM chip-select (output)
These active low outputs provide the chip-select signal for the PROM area. ROMS*[0] is
asserted when the lower half of the PROM area is accessed (0 - 0x10000000), while ROMS*[1]
is asserted for the upper half.
SRAM
RAMOE*[4:0] - RAM output enable (output)
These active low signals provide an individual output enable for each RAM bank.
RAMS*[4:0] - RAM chip-select (output)
These active low outputs provide the chip-select signals for each RAM bank.
RWE* [3:0] - RAM write enable (output)
These active low outputs provide individual write strobes for each byte. RWEN[0] controls
D[31:24], RWEN[1] controls D[23:16], etc.
I/O
IOS* - I/O select (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com